| Electronic Components Datasheet Search |
|
PCF8811U/2DA/1 Datasheet(PDF) 57 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8811U/2DA/1 Datasheet(HTML) 57 Page - NXP Semiconductors |
|
57 / 73 page ![]() 2004 May 17 57 Philips Semiconductors Product specification 80 × 128 pixels matrix LCD driver PCF8811 22.5 Interface commands These instructions are in addition to those indicated in Table 5. Table 24 Additional instructions; note 1 Note 1. X = don’t care. 22.5.1 CALMM This instruction puts the device in calibration mode. This mode enables the shift register for loading and allows programming of the non-volatile OTP cells to take place. If the seal bit is set then this mode cannot be accessed and the instruction will be ignored. Once in calibration mode all commands are interpreted as shift register data. The mode can only be exited by sending data with bit D7 set to logic 0. Reset will also clear this mode. Each shift register data byte is preceded by D/C = 0 and has only 2 significant bits, thus the remaining 6 bits are ignored. Bit D7 is the continuation bit (D7 = 1 remain in CALMM mode, D7 = 0 exit CALMM mode). Bit D0 is the data bit and its value is shifted into the OTP shift register (on the falling edge of SCLK). NAME EXT D/CR/W COMMAND BYTE ACTION D7 D6 D5 D4 D3 D2 D1 D0 CALMM X 0 0 1 0 0 0 0 0 1 0 enter CALMM mode Power control (‘Refresh’) X 0 0 0 0 1 0 1 PC1 PC0 1 switch HVgen on/off to force a refresh of the shift register handbook, full pagewidth DATA TO THE CIRCUIT FOR CONFIGURATION AND CALIBRATION SHIFT REGISTER FLIP-FLOP OTP slice OTP CELL SHIFT REGISTER SHIFT REGISTER DATA INPUT read data from the OTP cell write data to the OTP cell OTP CELLs MGU289 Fig.48 Basic OTP architecture. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |