Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8811U/2DA/1 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 13Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 14Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 15Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 16Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 17Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 18Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 19Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 20Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
2004 May 17
17
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
handbook, full pagewidth
SCE
SCLK
SDATA
DB7 DB6 DB5 DB4
display length instruction
and length data (two bytes)
DB2
DB1 DB0
DB2
data
data
last
data
DB7 DB6 DB5
DB4 DB3
DB1 DB0
MGW746
instruction
display data string
Fig.14 Transmission of several bytes.
handbook, full pagewidth
MGW747
SCE
SCLK
SDATA
data
data
data
data
data
data
DB7
DB7 DB6 DB5 DB4 DB3 DB2
DB1 DB0
DB6 DB5
DB4
instruction
display data string
Fig.15 Transmission interrupted by SCE.
11.1.2
READ MODE (ONLY EXTENDED COMMAND SET)
The read mode of the interface means that the
microcontroller reads data from the PCF8811. To do so the
microcontroller first has to send a command (the read
status command) and then the PCF8811 will respond by
transmitting data on the SDO line. After that SCE is
required to go HIGH (see Fig.16).
The PCF8811 samples the SDIN data on rising SCLK
edges, but shifts SDO data on falling SCLK edges. Thus
the microcontroller is supposed to read SDO data on rising
SCLK edges.
After the read status command has been sent, the SDIN
line must be set to 3-state not later then the falling SCLK
edge of the last bit (see Fig.16).
The serial interface timing diagram is given in Chapter 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com