Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BERTSCOPE Datasheet(PDF) 3 Page - TEKTRONIX, INC.

Part # BERTSCOPE
Description  Clock Recovery Instrument
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

BERTSCOPE Datasheet(HTML) 3 Page - TEKTRONIX, INC.

  BERTSCOPE Datasheet HTML 1Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 2Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 3Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 4Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 5Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 6Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 7Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 8Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
The BERTScope CR Series work seamlessly with BERTScope Analyzers - You can use
the clock recovery instrument with the BERTScope by connecting the USB cable
between the two instruments. The graphing capability can be displayed on the
BERTScope analyzer by using the "To CR analysis" soft key.
Golden PLL
Many test standards require the use of a Golden PLL (Phase Lock Loop).
Control of the BERTScope CR Series variable loop bandwidth allows for
control of the jitter transferred to the recovered clock. When the loop
bandwidth setting is narrow, much of the high-frequency jitter is removed
from the clock signal. The narrowest LBW setting is desirable when a clock
with the lowest possible jitter is required. When the loop bandwidth setting
is wide, jitter is transferred to the recovered clock, emulating a clock signal
similar to the CDR of the receiver under test. Each standard provides an
optimum LBW setting for clock recovery often called the Golden PLL.
Recover Spread Spectrum clocks for testing
to electrical serial bus standards
Spread Spectrum Clocking (SSC) is an increasingly required feature of
serial bus standards. When employed, it can prove difficult to track but its
effect must be included in test. These instruments are able to track SSC
correctly with large frequency excursions up to 5000 ppm, making them
unique amongst clock recovery test solutions. The BERTScope CR series
is the first clock recovery instrument to recover clocks from spread
spectrum clocked signals used in Serial ATA, SAS, PCI Express, and USB
applications.
Spread spectrum clocks exhibit low-frequency (30-33 kHz) modulation, for
example, resulting in 225 UI (Unit Interval) deviation when imposed on a
3 Gb/s data signal. This frequency deviation is tracked accurately by the
clock recovery instrument when the optional 5-piece cable set is used with
the BERTScope CR Series and BERTScope Analyzer. This cable set is
matched to compensate for the 5 ns delay in BERTScope Analyzer with
SSC signals, thus avoiding jitter amplification.
A signal with SSC was measured with the BERTScope CR Series. Outputs
on the rear panel of the instrument provide monitoring points to view the
loop behavior. When viewed on a low-bandwidth, real-time oscilloscope,
the triangular waveform characteristic of SSC is visible in the lower trace.
The upper waveform displays the difference in phase between data input
and clock recovery output.
Clock Recovery Instrument -- BERTScope CR Series
www.tek.com 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com