Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BERTSCOPE Datasheet(PDF) 1 Page - TEKTRONIX, INC.

Part # BERTSCOPE
Description  Clock Recovery Instrument
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

BERTSCOPE Datasheet(HTML) 1 Page - TEKTRONIX, INC.

  BERTSCOPE Datasheet HTML 1Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 2Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 3Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 4Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 5Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 6Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 7Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 8Page - TEKTRONIX, INC. BERTSCOPE Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Clock Recovery Instrument
BERTScope® CR Series Datasheet
The BERTScope Clock Recovery CR Series advanced architecture
measures and displays the PLL frequency response from 100 kHz to
12 MHz; the highest loop bandwidth available for jitter testing jitter testing
on the market today. The first clock recovery instruments to allow full
control of parameters including loop bandwidth, peaking/damping, and roll
off.
Notice to EU customers
This product is not updated to comply with the RoHS 2 Directive 2011/65/
EU and will not be shipped to the EU. Customers may be able to purchase
products from inventory that were placed on the EU market prior to
July 22, 2017 until supplies are depleted. Tektronix is committed to helping
you with your solution needs. Please contact your local sales
representative for further assistance or to determine if alternative product(s)
are available. Tektronix will continue service to the end of worldwide
support life.
Key performance specifications
150 Mb/s to 28.6 Gb/s with continuous data rate coverage to include
Next-generation I/Os including PCIe 3.0, 10GBASE-KR, 16xFC,
25/28 G CEI, and 100GBASE-LR-4/100GBASE-ER-4
Full and divided clock outputs with selectable divide ratios. Full-rate
clock output up to 14.3 Gb/s, half-rate clock output from 14.3 Gb/s to
17.5 and 28.6 Gb/s
Optional PCIe 2.5, 5, and 8 gb/s PLL loop analysis (Also requires jitter
analysis option)
CR175A and CR286A offer optional higher-sensitivity data inputs with
clock recovery on signals as small as 40 mV amplitude (single ended),
20 mV amplitude (differential) – no DC-coupled data through path with
this option
Key features
Instrumentation quality clock recovery
Accurate, variable loop bandwidth from 100 kHz to 12 MHz, with
optional 24 MHz for the jitter transfer function (JTF) bandwidths of USB
3.0, SATA 6G, and PCIe Gen3
Accurate, adjustable, self-measured, and displayed PLL loop
bandwidth, peaking, and JTF – get the "Golden PLL" response needed
for standards compliance testing
Programmable peaking adjustment with first- and second-order roll-off
capability
USB control interface integrated into BERTScope view, or stand-alone
with included BERTScope PC software
DC-coupled data through path for accurate signal integrity
Full and divided clock outputs with selectable divide ratios. Full-rate
clock output up to 14.3 Gb/s
Built-in equalizer function enables clock recovery under high ISI input
conditions
Data measurement capability
Edge density measurement – determine the mark density of the
signal under test
Spread spectrum clock waveform view including dF/dt
Ideal for spread spectrum clock (SSC) applications with large
frequency excursions
Optional direct spectral analysis of jitter components when under USB
control from BERTScope or on PC using provided stand-alone
software.
Optional spectrum analyzer display with cursor measurements of jitter
amplitude and frequency
User-settable frequency-gated measurements for band-limited
integrated jitter optionally available
Preset band limits for PCI express Gen2 jitter spectrum
www.tek.com 1


Similar Part No. - BERTSCOPE

ManufacturerPart #DatasheetDescription
logo
ABB
BER16-4 ABB-BER16-4 Datasheet
40Kb / 2P
BER16-4 Connection Set for Reversing Contactors
BER16-4 ABB-BER16-4 Datasheet
459Kb / 4P
Connexion Accessories for Starting Solutions Accessories for AF09 ... AF38 3-pole Contactors
BER38-4 ABB-BER38-4 Datasheet
39Kb / 2P
BER38-4 Connection Set for Reversing Contactors
BER38-4 ABB-BER38-4 Datasheet
459Kb / 4P
Connexion Accessories for Starting Solutions Accessories for AF09 ... AF38 3-pole Contactors
More results

Similar Description - BERTSCOPE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3220 TOSHIBA-TLP3220 Datasheet
286Kb / 7P
Measurement Instrument
TLP206A TOSHIBA-TLP206A_07 Datasheet
176Kb / 6P
Measurement Instrument
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
Measurement Instrument
logo
List of Unclassifed Man...
5400E ETC2-5400E Datasheet
332Kb / 2P
Instrument Knobs
logo
OPLINK Communications I...
SRC03 OPLINK-SRC03 Datasheet
660Kb / 4P
Receiver with Clock Recovery
SRC12 OPLINK-SRC12 Datasheet
621Kb / 4P
Receiver with Clock Recovery
logo
Keysight Technologies
N4982A KEYSIGHT-N4982A Datasheet
1Mb / 8P
Clock Recovery Unit
logo
Integrated Device Techn...
894D115I-01 IDT-894D115I-01 Datasheet
237Kb / 16P
Clock/Data Recovery Devic
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
Measuring instrument
logo
Renesas Technology Corp
MK1575-01 RENESAS-MK1575-01 Datasheet
329Kb / 15P
CLOCK RECOVERY PLL
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com