Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74AXP1T34 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T34
Description  Dual supply translating buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T34 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AXP1T34 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1T34
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 1 — 22 December 2015
4 of 21
Nexperia
74AXP1T34
Dual supply translating buffer
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
VCCO + 0.5 V should not exceed 6.0 V.
[3]
For SOT353-1 package: above 75
C the value of P
tot derates linearly with 3.3 mW/K.
For SOT886 package: above 75
C the value of P
tot derates linearly with 3.3 mW/K.
For SOT1115 package: above 70
C the value of P
tot derates linearly with 3.2 mW/K.
For SOT1202 package: above 75
C the value of P
tot derates linearly with 3.3 mW/K.
For SOT1226 package: above 70
C the value of P
tot derates linearly with 3.1 mW/K.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCI
input supply voltage
0.5
3.3
V
VCCO
output supply voltage
0.5
6.0
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
3.3
V
IOK
output clamping current
VO <0V
50
-
mA
VO
output voltage
Active mode
[1][2]
0.5
VCCO +0.5 V
Power-down or 3-state mode
[1]
0.5
6.0
V
IO
output current
VO =0 VtoVCCO
-
25
mA
ICCI
input supply current
-
50
mA
ICCO
output supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +85 C
[3]
-250
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCI
input supply voltage
0.7
2.75
V
VCCO
output supply voltage
1.2
5.5
V
VI
input voltage
0
2.75
V
VO
output voltage
Active mode
0
VCCO
V
Power-down or 3-state mode
0
5.5
V
Tamb
ambient temperature
40
+85
C
t/V
input transition rise
and fall rate
VCCI = 0.7 V to 2.75 V
0
200
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com