Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74AXP1T34 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T34
Description  Dual supply translating buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T34 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AXP1T34 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T34 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74AXP1T34 is a dual supply translating buffer. It features one input (A), an output (Y)
and dual supply pins (VCCI and VCCO). The inputs are referenced to VCCI and the output is
referenced to VCCO. All inputs can be connected directly to VCCI or GND. VCCI can be
supplied at any voltage between 0.7 V and 2.75 V and VCCO can be supplied at any
voltage between 1.2 V and 5.5 V. This feature allows voltage level translation.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall
times.
This device ensures very low static and dynamic power consumption across the entire
supply range and is fully specified for partial power down applications using IOFF. The IOFF
circuitry disables the output, preventing the potentially damaging backflow current through
the device when it is powered down.
2.
Features and benefits
Wide supply voltage range:
VCCI: 0.7 V to 2.75 V
VCCO: 1.2 V to 5.5 V
Low input capacitance; CI = 0.6 pF (typical)
Low output capacitance; CO = 1.8 pF (typical)
Low dynamic power consumption; CPD = 0.4 pF at VCCI = 1.2 V (typical)
Low dynamic power consumption; CPD = 7.1 pF at VCCO = 3.3 V (typical)
Low static power consumption; ICCI = 0.5 A (85 C maximum)
Low static power consumption; ICCO = 1.8 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V; A input)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
JESD8-C (2.7 V to 3.6 V; Y output)
JESD12-6 (4.5 V to 5.5 V; Y output)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
Latch-up performance exceeds 100 mA per JESD78D Class II
Inputs accept voltages up to 2.75 V
74AXP1T34
Dual supply translating buffer
Rev. 1 — 22 December 2015
Product data sheet


Similar Part No. - 74AXP1T34

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1T32 NEXPERIA-74AXP1T32 Datasheet
225Kb / 14P
Dual supply 2-input OR gate
74AXP1T32GX NEXPERIA-74AXP1T32GX Datasheet
225Kb / 14P
Dual supply 2-input OR gate
More results

Similar Description - 74AXP1T34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1T34 NXP-74AUP1T34 Datasheet
107Kb / 19P
Low-power dual supply translating buffer
Rev. 01-4 December 2006
logo
ON Semiconductor
MC74LVX4245 ONSEMI-MC74LVX4245_11 Datasheet
138Kb / 10P
Dual Supply Octal Translating Transceiver
May, 2011 ??Rev. 5
logo
NXP Semiconductors
74AUP1T34 PHILIPS-74AUP1T34_15 Datasheet
391Kb / 24P
Low-power dual supply translating buffer
Rev. 5-4 September 2013
logo
ON Semiconductor
MC74LVX4245 ONSEMI-MC74LVX4245_17 Datasheet
104Kb / 10P
Dual Supply Octal Translating Transceiver
July, 2017 ??Rev. 6
logo
Nexperia B.V. All right...
74AUP1T34-Q100 NEXPERIA-74AUP1T34-Q100 Datasheet
262Kb / 17P
Low-power dual supply translating buffer
74LV1T34-Q100 NEXPERIA-74LV1T34-Q100 Datasheet
212Kb / 11P
Single supply translating buffer
Rev. 3 - 10 February 2022
74AUP1T34 NEXPERIA-74AUP1T34 Datasheet
317Kb / 22P
Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
74LV1T125 NEXPERIA-74LV1T125 Datasheet
247Kb / 14P
Single supply translating buffer/line driver; 3-state
Rev. 4 - 16 August 2022
74LV1T126 NEXPERIA-74LV1T126 Datasheet
244Kb / 14P
Single supply translating buffer/line driver; 3-state
Rev. 4 - 23 February 2022
74LV1T34 NEXPERIA-74LV1T34 Datasheet
227Kb / 12P
Single supply translating buffer
Rev. 3 - 10 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com