Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EDS1232CASE Datasheet(PDF) 28 Page - Elpida Memory

Part # EDS1232CASE
Description  128M bits SDRAM (4M words x 32 bits)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232CASE Datasheet(HTML) 28 Page - Elpida Memory

Back Button EDS1232CASE Datasheet HTML 24Page - Elpida Memory EDS1232CASE Datasheet HTML 25Page - Elpida Memory EDS1232CASE Datasheet HTML 26Page - Elpida Memory EDS1232CASE Datasheet HTML 27Page - Elpida Memory EDS1232CASE Datasheet HTML 28Page - Elpida Memory EDS1232CASE Datasheet HTML 29Page - Elpida Memory EDS1232CASE Datasheet HTML 30Page - Elpida Memory EDS1232CASE Datasheet HTML 31Page - Elpida Memory EDS1232CASE Datasheet HTML 32Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
EDS1232CASE
Data Sheet E0351E30 (Ver. 3.0)
28
Write operation
Burst write or single write mode is selected by the OPCODE of the mode register.
1. Burst write: A burst write operation is enabled by setting OPCODE (A9, A8) to (0, 0). A burst write starts in the
same clock as a write command set. (The latency of data input is 0 clock.) The burst length can be set to 1, 2, 4
and 8, like burst read operations. The write start address is specified by the column address and the bank select
address at the write command set cycle.
WRIT
CLK
Command
DQ
ACT
Row
Column
in 0
in 6
in 7
Address
in 1
in 4
in 5
in 3
BL = 1
BL = 2
BL = 4
BL = 8
tRCD
in 0
in 0
in 0
in 1
in 1
in 2
in 2
in 3
CL = 2, 3
Burst write
2. Single write:
A single write operation is enabled by setting OPCODE (A9, A8) to (1, 0).
In a single write
operation, data is only written to the column address and the bank select address specified by the write
command set cycle without regard to the burst length setting. (The latency of data input is 0 clock).
WRIT
CLK
Command
DQ
ACT
Row
Column
in 0
Address
tRCD
Single write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com