Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EDS1232CASE Datasheet(PDF) 4 Page - Elpida Memory

Part # EDS1232CASE
Description  128M bits SDRAM (4M words x 32 bits)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232CASE Datasheet(HTML) 4 Page - Elpida Memory

  EDS1232CASE Datasheet HTML 1Page - Elpida Memory EDS1232CASE Datasheet HTML 2Page - Elpida Memory EDS1232CASE Datasheet HTML 3Page - Elpida Memory EDS1232CASE Datasheet HTML 4Page - Elpida Memory EDS1232CASE Datasheet HTML 5Page - Elpida Memory EDS1232CASE Datasheet HTML 6Page - Elpida Memory EDS1232CASE Datasheet HTML 7Page - Elpida Memory EDS1232CASE Datasheet HTML 8Page - Elpida Memory EDS1232CASE Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
EDS1232CASE
Data Sheet E0351E30 (Ver. 3.0)
4
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, execute power up sequence and initialization sequence before proper device operation is achieved
(refer to the Power up sequence).
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Note
Voltage on any pin relative to VSS
VT
–0.5 to +3.6
V
Supply voltage relative to VSS
VDD, VDDQ
–0.5 to +3.6
V
Short circuit output current
IOS
50
mA
Power dissipation
PD
1.0
W
Operating ambient temperature
TA
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended DC Operating Conditions (TA = 0 to +70
°C)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
2.3
2.5
2.7
V
VSS
0
0
0
V
Input high voltage
VIH
1.7
VDD + 0.3*
1
V
Input low voltage
VIL
–0.3
0.7
V
Notes: 1. VIH (max.) = VDDQ + 1.5V (pulse width
≤ 5ns).
2. VIL (min.) = –1.5V (pulse width
≤ 5ns).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com