Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

X9015 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9015
Description  Low Noise, Low Power Volatile
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9015 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9015 Datasheet HTML 2Page - Intersil Corporation X9015 Datasheet HTML 3Page - Intersil Corporation X9015 Datasheet HTML 4Page - Intersil Corporation X9015 Datasheet HTML 5Page - Intersil Corporation X9015 Datasheet HTML 6Page - Intersil Corporation X9015 Datasheet HTML 7Page - Intersil Corporation X9015 Datasheet HTML 8Page - Intersil Corporation X9015 Datasheet HTML 9Page - Intersil Corporation X9015 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN8157.1
September 15, 2005
A.C. Timing
A.C. Operating Specifications Over recommended operating conditions unless otherwise specified
SYMBOL
PARAMETER
MIN.
TYP. (Note 6)
MAX.
UNIT
tCl
CS to INC setup
100
ns
tlD
INC HIGH to U/D change
100
ns
tDI
U/D to INC setup
2.9
µs
tlL
INC LOW period
1
µs
tlH
INC HIGH period
1
µs
tlC
INC inactive to CS inactive
1
µs
tCPH
CS deselect time (NO STORE)
100
ns
tCPH
CS deselect time (STORE)
10
ms
tIW
INC to Vw change
1
5
µs
tCYC
INC cycle time
4
µs
tR, tF (Note 7) INC input rise and fall time
500
µs
tPU(Note 7)
Power up to wiper stable
5µs
tR VCC(Note 7) VCC power-up rate
0.2
50
V/ms
tWR
Store cycle
5
10
ms
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
(8)
tIC
tCPH
tF
tR
10%
90%
90%
(store)
NOTES:
6. Typical values are for TA = 25°C and nominal supply voltage.
7. This parameter is periodically sampled and not 100% tested.
8. MI in the A.C. timing diagram refers to the minimum incremental change in the VW output due to a change in the wiper position.
X9015



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com