Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

X9015 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9015
Description  Low Noise, Low Power Volatile
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9015 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9015 Datasheet HTML 3Page - Intersil Corporation X9015 Datasheet HTML 4Page - Intersil Corporation X9015 Datasheet HTML 5Page - Intersil Corporation X9015 Datasheet HTML 6Page - Intersil Corporation X9015 Datasheet HTML 7Page - Intersil Corporation X9015 Datasheet HTML 8Page - Intersil Corporation X9015 Datasheet HTML 9Page - Intersil Corporation X9015 Datasheet HTML 10Page - Intersil Corporation X9015 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN8157.1
September 15, 2005
Applications Information
Electronic digitally controlled potentiometers provide two powerful application advantages: (1) the variability and reliability of a
solid-state potentiometer, and (2) the flexibility of computer-based digital controls.
Basic Configurations of Electronic Potentiometers
Basic Circuits
VR
VW/RW
VR
I
Three terminal potentiometer;
variable voltage divider
Two terminal variable resistor;
variable current
VH/RH
VL/RL
Cascading Techniques
Buffered Reference Voltage
+
+5V
R1
+V
–5V
VW/RW
VREF
VOUT
OP-07
VW/RW
VW/RW
+V
+V
+V
X
(a)
(b)
VOUT = VW
Noninverting Amplifier
+
VS
VO
R2
R1
VO = (1+R2/R1)VS
LM308A
Voltage Regulator
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
Offset Voltage Adjustment
+
VS
VO
R2
R1
100k
10k
10k
10k
-12V
+12V
TL072
Comparator with Hysteresis
VUL = {R1/(R1+R2)} VO(max)
VLL = {R1/(R1+R2)} VO(min)
+
VS
VO
R2
R1
LT311A
+5V
–5V
(for additional circuits see AN115)
X9015



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com