Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

X9400 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9400
Description  Low Noise/Low Power/SPI Bus
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9400 Datasheet(HTML) 1 Page - Intersil Corporation

  X9400 Datasheet HTML 1Page - Intersil Corporation X9400 Datasheet HTML 2Page - Intersil Corporation X9400 Datasheet HTML 3Page - Intersil Corporation X9400 Datasheet HTML 4Page - Intersil Corporation X9400 Datasheet HTML 5Page - Intersil Corporation X9400 Datasheet HTML 6Page - Intersil Corporation X9400 Datasheet HTML 7Page - Intersil Corporation X9400 Datasheet HTML 8Page - Intersil Corporation X9400 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
X9400
Low Noise/Low Power/SPI Bus
Quad Digitally Controlled Potentiometers
(XDCP™)
FEATURES
• Four potentiometers per package
• 64 resistor taps
• SPI serial interface for write, read, and transfer
operations of the potentiometer
• Wiper resistance, 40
Ω typical at 5V.
• Four non-volatile data registers for each
potentiometer
• Non-volatile storage of multiple wiper position
• Power-on recall. Loads saved wiper position on
power-up.
• Standby current < 1µA max
•System VCC: 2.7V to 5.5V operation
•Analog V+/V: -5V to +5V
•10k
Ω, 2.5kΩ End to end resistance
• 100 yr. data retention
• Endurance: 100,000 data changes per bit per
register
• Low power CMOS
• 24-lead SOIC and 24-lead TSSOP
DESCRIPTION
The
X9400
integrates
four
digitally
controlled
potentiometers (XDCPs) on a monolithic CMOS
integrated circuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the SPI
serial
bus
interface.
Each
potentiometer
has
associated with it a volatile Wiper Counter Register
(WCR) and four nonvolatile Data Registers (DR0-3)
that can be directly written to and read by the user.
The contents of the WCR controls the position of the
wiper on the resistor array through the switches.
Power-up recalls the contents of DR0 to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
Interface
and
Control
Circuitry
CS
SCK
SO
A0
A1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 1
VH1/RH1
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
VH0/RH0
VL0/RL0
Data
8
VW0/RW0
VW1/RW1
R0 R1
R2 R3
Resistor
Array
VH2/RH2
VL2/RL2
VW2/RW2
R0 R1
R2 R3
Resistor
Array
VH3/RH3
VL3/RL3
VW3/RW3
Wiper
Counter
Register
(WCR)
Wiper
Counter
Register
(WCR)
Pot 3
Pot 2
HOLD
Pot 0
VCC
VSS
WP
SI
V+
V-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8189.1
March 31, 2005


Similar Part No. - X9400

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9400 INTERSIL-X9400 Datasheet
356Kb / 19P
Quad Digitally Controlled Potentiometers
July 28, 2006
X9400 INTERSIL-X9400 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
logo
Intersil Corporation
X9400 INTERSIL-X9400 Datasheet
405Kb / 20P
Quad Digitally Controlled Potentiometers
September 2, 2015
More results

Similar Description - X9400

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
Low Noise/Low Power/SPI Bus/256 Taps
March 25, 2005
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
Low Noise/Low Power/SPI Bus
September 23, 2005
X9410 INTERSIL-X9410 Datasheet
376Kb / 21P
Low Noise/Low Power/SPI Bus
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
Low Noise, Low Power, SPI Bus, 128 Taps
September 8, 2009
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
September 8, 2009
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
July 17, 2009
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
Low Noise/Low Power/SPI Bus
October 12, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com