Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

X9400 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9400
Description  Low Noise/Low Power/SPI Bus
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9400 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9400 Datasheet HTML 7Page - Intersil Corporation X9400 Datasheet HTML 8Page - Intersil Corporation X9400 Datasheet HTML 9Page - Intersil Corporation X9400 Datasheet HTML 10Page - Intersil Corporation X9400 Datasheet HTML 11Page - Intersil Corporation X9400 Datasheet HTML 12Page - Intersil Corporation X9400 Datasheet HTML 13Page - Intersil Corporation X9400 Datasheet HTML 14Page - Intersil Corporation X9400 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FN8189.1
March 31, 2005
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
ENDURANCE AND DATA RETENTION
CAPACITANCE
POWER-UP TIMING
POWER-UP REQUIREMENTS (Power-up sequencing
can affect correct recall of the wiper registers)
The preferred power-on sequence is as follows: First
VCC, then the potentiometer pins, RH, RL, and RW.
Voltage should not be applied to the potentiometer
pins before V+ or V- is applied. The VCC ramp rate
specifi-cation should be met, and any glitches or slope
changes in the VCC line should be held to <100mV if
possible. If VCC powers down, it should be held below
0.1V for more than 1 second before powering up again
in order for proper wiper register recall. Also, VCC
should not reverse polarity by more than 0.5V. Recall
of wiper position will not be complete until VCC, V+
and V-reach their final value.
EQUIVALENT A.C. LOAD CIRCUIT
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Units
ICC1
VCC supply current (Active)
400
µA
fSCK = 2MHz, SO = Open,
Other Inputs = VSS
ICC2
VCC supply current (Nonvolatile
Write)
1mA
fSCK = 2MHz, SO = Open,
Other Inputs = VSS
ISB
VCC current (standby)
1
µA
SCK = SI = VSS, Addr. = VSS
ILI
Input leakage current
10
µA
VIN = VSS to VCC
ILO
Output leakage current
10
µA
VOUT = VSS to VCC
VIH
Input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VIL
Input LOW voltage
-0.5
VCC x 0.1
V
VOL
Output LOW voltage
0.4
V
IOL = 3mA
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
years
Symbol
Test
Max.
Unit
Test Conditions
COUT
(4)
Output capacitance (SO)
8
pF
VOUT = 0V
CIN
(4)
Input capacitance (A0, A1, SI, and SCK)
6
pF
VIN = 0V
Symbol
Parameter
Min.
Max.
Unit
tPUR
(5)
Power-up to initiation of read operation
1
ms
tPUW
(5)
Power-up to initiation of write operation
5
ms
tR VCC
(4)
VCC Power-up ramp
0.2
50
V/msec
5V
1533
100pF
SDA Output
X9400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com