Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSC612PI2A-0130 Datasheet(PDF) 1 Page - Microchip Technology

Part # DSC612PI2A-0130
Description  Two-Output Low Power MEMS Clock Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC612PI2A-0130 Datasheet(HTML) 1 Page - Microchip Technology

  DSC612PI2A-0130 Datasheet HTML 1Page - Microchip Technology DSC612PI2A-0130 Datasheet HTML 2Page - Microchip Technology DSC612PI2A-0130 Datasheet HTML 3Page - Microchip Technology DSC612PI2A-0130 Datasheet HTML 4Page - Microchip Technology DSC612PI2A-0130 Datasheet HTML 5Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DSC612PI2A-0130
Two-Output Low Power MEMS Clock Generator
General Description
The DSC612PI2A-0130 is a two-output low power
MEMS clock generator.
The MEMS based clock generator eliminates the need
of external crystal or reference clock.
Refer to
to read
full
descriptions.
DSC612 master data sheet
Features
• Two LVCMOS clock outputs:
24MHz, 25MHz
• Ultra-small package size: 1.6mm x 1.2mm 6L LGA
• High stability: ±25ppm
• Temperature range: -40°C to +85°C
• Low power consumption: ~5mA (both outputs active)
• Wide supply voltage range: 1.71V -3.63V VDD
• Excellent shock and vibration immunity
• High reliability
• Lead free and RoHS compliant
• AEC-Q100 automotive grade available
Pin Configuration and Description
6-pin 1.6mm x 1.2mm 6L LGA
NC
NC
VSS
VDD
Output 2
25MHz
Output 1
24MHz
Pin Number Pin Name
Pin Type
Pin Description
1
NC
I
Non-functional, do not connect
2
NC
I
Non-functional, do not connect
3
VSS
Power
Power Supply Ground
4
Output 1
O
24MHz LVCMOS Clock Output
5
Output 2
O
25MHz LVCMOS Clock Output
6
VDD
Power
Power Supply
ClockWorks is a registered trademark of Microchip Technology Inc.
Microchip Technology Inc.
http://www.microchip.com
November 20, 2018
Revision 1.0
tcghelp@microchip.com
7128


Similar Part No. - DSC612PI2A-0130

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC612PI2A-012Q MICROCHIP-DSC612PI2A-012Q Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC612PI2A-012QT MICROCHIP-DSC612PI2A-012QT Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
More results

Similar Description - DSC612PI2A-0130

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC612NI3A-010G MICROCHIP-DSC612NI3A-010G Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC612NI3A-010T MICROCHIP-DSC612NI3A-010T Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC612NL3A-019A MICROCHIP-DSC612NL3A-019A Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
July 10, 2019 Revision 1.0
DSC612PI2A-012Q MICROCHIP-DSC612PI2A-012Q Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC612PI3A-010J MICROCHIP-DSC612PI3A-010J Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC612PL2A-0130 MICROCHIP-DSC612PL2A-0130 Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612PL2A-0132 MICROCHIP-DSC612PL2A-0132 Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612RA3A-010S MICROCHIP-DSC612RA3A-010S Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC612RI1A-012M MICROCHIP-DSC612RI1A-012M Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC612RI3A-010G MICROCHIP-DSC612RI3A-010G Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com