Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV82X7DSXT Datasheet(PDF) 37 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 33Page - STMicroelectronics STV82X7DSXT Datasheet HTML 34Page - STMicroelectronics STV82X7DSXT Datasheet HTML 35Page - STMicroelectronics STV82X7DSXT Datasheet HTML 36Page - STMicroelectronics STV82X7DSXT Datasheet HTML 37Page - STMicroelectronics STV82X7DSXT Datasheet HTML 38Page - STMicroelectronics STV82X7DSXT Datasheet HTML 39Page - STMicroelectronics STV82X7DSXT Datasheet HTML 40Page - STMicroelectronics STV82X7DSXT Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 149 page
background image
37/149
STV82x7
Dedicated Digital Signal Processor (DSP)
In Independent mode, the volume for the Left and Right channels for Loudspeakers or
Headphone is controlled independently.
4.14
Soft Mute Control
The Digital Soft Mute is applied smoothly (20 ms for 120 dB range) to avoid any switch noise on
output. It is available on all output channels pairs:
S/PDIF channel (Left/Right)
SCART channels (Left/Right)
Loudspeakers channels (Left/Right)
Center
Subwoofer
Headphone/Surround channels (Left/Right)
Another soft mute (analog) is also available on each DAC output.
4.15
Beeper
The beeper is used to generate a tone on the Loudspeakers or/and Headphone outputs. The
beeper sound (square wave) is added to the audio signal which is attenuated by 20 dB. The beep
sound amplitude includes a smooth attack and decay to avoid any parasitic noise when starting and
stopping.
It can be used for various applications such as beep sounds for remote control, alarm clock or other
features.
The Beeper operates in one of two modes:
Pulse mode (beep applications): A tone with a programmable short duration (0.1, 0.25, 0.5
and 1.0 s) is generated. Afterwards, the beeper is automatically disabled and the output is
switched back to the audio signal, see Figure 21.
Continuous mode (alarm application): A tone with a programmable long duration is
generated. Its start and stop controls must be programmed by I²C, see Figure 22.
The Beeper function is enabled by setting the BEEPER_ON bit in register BEEPER_ON.
Beeper parameters are controlled in register BEEPER_MODE.
The beeper tone level and frequency are programmed in register BEEPER_FREQ_VOL. The level
(or volume) ranges between 0 dB and -93 dB in steps of 3 dB and the tone frequency ranges
between 62.2 Hz and 8 kHz in steps of 1 octave.
Figure 20: Differential Balance
100%
Mute
200h
1FFh
I²C Control (10 bits)
000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com