Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV82X7DSXT Datasheet(PDF) 48 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 44Page - STMicroelectronics STV82X7DSXT Datasheet HTML 45Page - STMicroelectronics STV82X7DSXT Datasheet HTML 46Page - STMicroelectronics STV82X7DSXT Datasheet HTML 47Page - STMicroelectronics STV82X7DSXT Datasheet HTML 48Page - STMicroelectronics STV82X7DSXT Datasheet HTML 49Page - STMicroelectronics STV82X7DSXT Datasheet HTML 50Page - STMicroelectronics STV82X7DSXT Datasheet HTML 51Page - STMicroelectronics STV82X7DSXT Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 149 page
background image
Register List
STV82x7
48/149
12
Register List
Note:
The unused bits (defined as ‘Reserved’) in the I²C registers must be kept to zero.
The system clock registers (from address 08h to 0Bh and from address 5Ah to 5Dh) do not need to
be modified if a standard 27 MHz quartz crystal oscillator is used.
The default values of the demodulator registers (from address 0Ch to 55h) are for optimum
performances and any change is not recommended, except for:
● AGC_GAIN (0Fh) to adjust AGC gain for AM carrier in L/L' standard (AGC used in open loop).
● CAROFFSET1 (22h) and CAROFFSET2 (3Ah) to compensate IF carrier frequency with an
out-of-standard offset.
Soundlevel Prescaling PRESCALE_AM (94h), PRESCALE_FM (95h), PRESCALE_NICAM
(96h) and PRESCALE_SCART (97h) to equalize demodulated or external audio signal before
audio processing. Peak detector registers PEAK_DET_INPUT (9Dh), PEAK_DET_L (9Eh),
PEAK_DET_R (9Fh), PEAK_DET_L_R (A0h) can be used to measure internal sound level.
Sound source selection for each audio output channel Loudspeakers, Headphone and SCART to
be done using AUDIO_MATRIX_INPUT (A2h).
In Multi-lingual mode, AUDIO_MATRIX_LANGUAGE (A4h) selects separately the language for
each audio output channel.
Register AUTOSTD_CTRL (8Ah) is used to select between L/L' or D/K/K1/K2/K3 standard which
can be discriminated automatically. To be used also to change maximum FM deviation (125 kHz, by
default) in case of wide overmodulation. AUTOSTD_STANDARD_DETECT (8Bh) and
AUTOSTD_STEREO_DETECT (8Ch) to define the list of mono and stereo standards to be
recognized automatically.
Note:
() used in reset value column means that the bit or the byte is read-only.
(S) symbol indicates that the field value is represented in signed binary format.
(*) The field AGC_ERR[4:0] (AGC_GAIN) can be written by user if the bit AGC_CMD (AGC_CTRL)
is set to one (by default controlled by Automatic Standard Recognition System). To be used to
adjust manually the input gain of analog AGC amplifier for AM carrier (L/L').



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com