Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NKUSB Datasheet(PDF) 1 Page - Neutrik AG

Part # NKUSB
Description  USB 2.0 compliant - data rate ??up to 480 MBit/s
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NKUSB Datasheet(HTML) 1 Page - Neutrik AG

  NKUSB Datasheet HTML 1Page - Neutrik AG NKUSB Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NKUSB-*
The USB 2.0 patch cables with overmolded flex relief and rugged
metal cable carrier fit and lock with NAUSB-W-*. One cable end
offers an USB connector type A, the other side offers a USB
connector type B.
* The cables are available in 1 m, 3 m and 5 m cable length.
NKUSB-* side 1 with USB
type A
NKUSB-* side 2 with USB
type B
Features & Benefits
USB 2.0 compliant - data rate up to 480 MBit/s
Dust and water resistant acc. to IP65 safety standard
in combination with NAUSB-W*
Push Pull mating design provides secure locking
system if mated with NAUSB-W*
Shielded connection - high noise immunity and
EMI protection
Removable rugged diecast cable carrier
Mates with conventional USB receptacles and NAUSB
if cable carrier is removed
NKUSB-*
1
/2


Similar Part No. - NKUSB

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
NKUKS2AW PANDUIT-NKUKS2AW Datasheet
531Kb / 3P
OUTLETS
2022/2/28
NKUKS2SAW PANDUIT-NKUKS2SAW Datasheet
531Kb / 3P
OUTLETS
2022/2/28
NKUKS4AW-2G PANDUIT-NKUKS4AW-2G Datasheet
531Kb / 3P
OUTLETS
2022/2/28
NKUKS4SAW-2G PANDUIT-NKUKS4SAW-2G Datasheet
531Kb / 3P
OUTLETS
2022/2/28
More results

Similar Description - NKUSB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS16C2552 NSC-NS16C2552 Datasheet
906Kb / 43P
Dual UART with 16-byte/64-byte FIFOs and up to 5 Mbit/s Data Rate
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
ON Semiconductor
NCN9252 ONSEMI-NCN9252 Datasheet
150Kb / 8P
High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
May, 2010 ??Rev. 0
logo
NXP Semiconductors
TZA3012HW NXP-TZA3012HW Datasheet
107Kb / 18P
30 Mbit/s up to 3.2 Gbit/s A-Rate fiber-optic receiver
Rev. 01-15 December 2005
logo
ON Semiconductor
NCN9252 ONSEMI-NCN9252_11 Datasheet
357Kb / 9P
High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
March, 2011 ??Rev. 1
logo
IK Semicon Co., Ltd
IN75232 IKSEMICON-IN75232 Datasheet
406Kb / 7P
Designed to Support Data Rate up to 120kbps
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
USB 2.0 Full-Speed compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
USB 2.0 full-speed compliant
logo
Bel Fuse Inc.
SC-2CAKXXXM BEL-SC-2CAKXXXM Datasheet
790Kb / 2P
USB 2.0 can deliver up to 480 Mbps transfer speeds
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com