Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NKUSB Datasheet(PDF) 2 Page - Neutrik AG

Part # NKUSB
Description  USB 2.0 compliant - data rate ??up to 480 MBit/s
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NKUSB Datasheet(HTML) 2 Page - Neutrik AG

  NKUSB Datasheet HTML 1Page - Neutrik AG NKUSB Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Information
Product
Title
NKUSB-*
Mechanical
Wiresize
Lifetime
> 1000 mating cycles
Material
Contact plating
Au
Contacts
Brass (CuZn39Pb3)
Insert
PVC
Shell
Zinc diecast (ZnAl4Cu1)
Shell plating
Nickel
Environmental
Flammability
UL 94 V-0
Standard compliance
USB 2.0
Temperature range
-25 °C to +85 °C
NKUSB-*
2
/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com