Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS8846 Datasheet(PDF) 3 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 3 Page - ams AG

  AS8846 Datasheet HTML 1Page - ams AG AS8846 Datasheet HTML 2Page - ams AG AS8846 Datasheet HTML 3Page - ams AG AS8846 Datasheet HTML 4Page - ams AG AS8846 Datasheet HTML 5Page - ams AG AS8846 Datasheet HTML 6Page - ams AG AS8846 Datasheet HTML 7Page - ams AG AS8846 Datasheet HTML 8Page - ams AG AS8846 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 3 of 35
-
closed loop regulation timing with
µP for speed,
current and voltage control
-
special features e.g. suppression of particular motor
speeds, dynamical change of the over current
threshold level, etc.
Security Functions
Extensive diagnosis of the DC motor and the power FET as
well as failure handling procedures are programmable via a
µP.
over current detection and protection
no load detection of the motor
open wire detection (motor or power switch)
short circuit of the power switch detection
blocked motor detection and protection
short circuited motor segments detection and protection
protection of the power FET and the AS8446, if the
motor works in generator mode
battery voltage monitoring and over / under voltage
detection and protection
two over temperature detection and protection modes
-
external temperature sensor
-
on chip temperature sensor
Item (Start up values)
AS 8446
Over Voltage Threshold
40.0 V
Under Voltage Threshold
2.5 V
Minimum Charge Pump Voltage
4.0 V
Over Current Threshold (Shunt
Measurement Voltage)
125 mV
Mode after Start up
sleep
mode
Table 1
Start up values of the AS 8446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com