Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS26LS32AC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26LS32AC
Description  Quad Differential Line Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26LS32AC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS26LS32AC Datasheet HTML 1Page - National Semiconductor (TI) DS26LS32AC Datasheet HTML 2Page - National Semiconductor (TI) DS26LS32AC Datasheet HTML 3Page - National Semiconductor (TI) DS26LS32AC Datasheet HTML 4Page - National Semiconductor (TI) DS26LS32AC Datasheet HTML 5Page - National Semiconductor (TI) DS26LS32AC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Common-Mode Range
g
25V
Differential Input Voltage
g
25V
Enable Voltage
7V
Output Sink Current
50 mA
Maximum Power Dissipation at 25 C
Cavity Package
1433 mW
Molded Dip Package
1362 mW
SO Package DS26LS32
1002 mW
DS26LS32A
1051 mW
Derate cavity package 96 mW C above 25 C derate molded DIP package
109 mW C above 25 C
Derate SO Package 801 mW C for DS26LS32
841 mW C for DS26LS32A
Storage Temperature Range
b
65 Cto a165 C
Lead Temperature (Soldering 4 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
DS26LS32M DS26LS33M
45
55
V
(MIL)
DS26LS32C DS26LS33C
475
525
V
DS26LS32AC DS26LS33AC
(COML)
Temperature (TA)
DS26LS32M DS26LS33M
b
55
a
125
C
(MIL)
DS26LS32C DS26LS33C
0
a
70
C
DS26LS32AC DS26LS33AC
(COML)
Electrical Characteristics over the operating temperature range unless otherwise specified (Notes 2 3 and 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VTH
Differential Input
VOUT e VOH DS26LS32 DS26LS32A b7V s VCM s a7V
b
02
g
007
02
V
Voltage
or VOL
DS26LS33 DS26LS33A b15V s VCM a15V
b
05
g
014
05
V
RIN
Input Resistance
b
15V s VCM s a15V (One Input AC GND)
60
85
kX
IIN
Input Current (Under
VIN e 15V Other Input b15V s VIN s a15V
23
mA
Test)
VIN eb15V Other Input b15V s VIN s a15V
b
28
mA
VOH
Output High Voltage
VCC e MIN DVIN e 1V
Commercial
27
42
V
VENABLE e 08V IOH eb440 mA
Military
25
42
V
VOL
Output Low Voltage
VCC e Min DVIN eb1V
IOL e 4 mA
04
V
VENABLE e 08V
IOL e 8 mA
045
V
VIL
Enable Low Voltage
08
V
VIH
Enable High Voltage
20
V
VI
Enable Clamp
VCC e Min IIN eb18 mA
b
15
V
Voltage
IO
OFF-State (High
VCC e Max
VO e 24V
20
m
A
Impedance) Output
VO e 04V
b
20
m
A
Current
IIL
Enable Low Current
VIN e 04V
b
036
mA
IIH
Enable High Current
VIN e 27V
20
m
A
ISC
Output Short-Circuit
VO e 0V VCC e Max DVIN e 1V
b
15
b
85
mA
Current
ICC
Power Supply
VCC e Max All VIN e GND
DS26LS32 DS26LS32A
52
70
mA
Current
Outputs Disabled
DS26LS33 DS26LS33A
57
80
mA
II
Input High Current
VIN e 55V
100
m
A
VHYST
Input Hysteresis
TA e 25 C VCC e 5V
DS26LS32 DS26S32A
100
mV
VCM e 0V
DS26LS33 DS26LS33A
200
mV
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
All currents into device pins are shown as positive all currents out of device pins are shown as negative all voltages are referenced to ground unless
otherwise specified All values shown as max or min are so classified on absolute value basis
Note 3
All typical values are VCC e 5V TA e 25 C
Note 4
Only one output at a time should be shorted
http
www nationalcom
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com