Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS26LS32AC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26LS32AC
Description  Quad Differential Line Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26LS32AC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS26LS32AC Datasheet HTML 1Page - National Semiconductor (TI) DS26LS32AC Datasheet HTML 2Page - National Semiconductor (TI) DS26LS32AC Datasheet HTML 3Page - National Semiconductor (TI) DS26LS32AC Datasheet HTML 4Page - National Semiconductor (TI) DS26LS32AC Datasheet HTML 5Page - National Semiconductor (TI) DS26LS32AC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics VCC e 5V TA e 25 C
Symbol
Parameter
Conditions
DS26LS32DS26LS33
DS26LS32ADS26LS33A
Units
Min
Typ
Max
Min
Typ
Max
tPLH
Input to Output
CL e 15 pF
17
25
23
35
ns
tPHL
17
25
23
35
ns
tLZ
ENABLE to Output
CL e 5 pF
2030
1530
ns
tHZ
15
22
20
25
ns
tZL
ENABLE to Output
CL e 15 pF
15
22
14
22
ns
tZH
15
22
15
22
ns
AC Test Circuit and Switching Time Waveforms
Load Test Circuit for TRI-STATE Outputs
TLF5255 – 3
Propagation Delay (Notes 1 and 3)
TLF5255 – 4
Note 1
Diagram shown for ENABLE low
Note 2
S1 and S2 of load circuit are closed except where shown
Note 3
Pulse generator for all pulses Rate e 10 MHz ZO e 50X tr s 6 ns tf s 60 ns
Enable and Disable Times (Notes 2 and 3)
TLF5255 – 5
Typical Applications
Two-Wire Balanced InterfaceRS-422
TLF5255 – 6
Single Wire with Driver Ground ReferenceRS-423
TLF5255 – 7
http
www nationalcom
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com