Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TIP112 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # TIP112
Description  DARLINGTON TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TIP112 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  TIP112 Datasheet HTML 1Page - First Silicon Co., Ltd TIP112 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2013. 10. 14
1/2
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
TIP112
DIM
MILLIMETERS
TO-220
A
B
C
D
E
F
H
J
N
O
0.8 ± 0.1
2.7 ± 0.2
2.54 ± 0.2
13.6 ± 0.2
3.8 ± 0.2
10.15 ± 0.15
4.5 ± 0.2
2.7 ± 0.2
15.30 MAX
1.3 0.1/-0.15
0.4 ± 0.15
A
F
B
J
E
O
C
H
N
N
D
P
P
1 BASE
2 COLLECTOR
3 EMITTER
1 2 3
TIP112
DARLINGTON TRANSISTOR (NPN)
FEATURES
High DC Current Gain : hFE=1000 @ VCE=4V, IC=1A(Min.)
Low Collector-Emitter Saturation Voltage
Industrial Use
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
2
A
PC
Collector Power Dissipation
2
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55 to +150
ELECTRICAL
CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=10mA,IE
0
0
1
0
=
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=30mA,IB=0
(SUS)
100
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10mA,IC
5
0
=
V
Collector cut-off current
ICEO
VCE=50V,IB 0
=
2
mA
Collector cut-off current
ICBO
VCB=100V,IE 0
=
1
mA
Emitter cut-off current
IEBO
VEB=5V,IC 0
=
2
mA
hFE(1)
VCE=4V,IC=1A
1000
DC current gain
hFE(2)
VCE=4V,IC=2A
500
Collector-emitter saturation voltage
VCE(sat)
IC=2A,IB
A
m
8
=
2.5
V
Base-emitter voltage
VBE
VCE=4V,IC
A
2
=
2.8
V
Collector output capacitance
Cob
VCB=10V,IE=0,f=0.1MHz
100
pF


Similar Part No. - TIP112

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP112 MOSPEC-TIP112 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Motorola, Inc
TIP112 MOTOROLA-TIP112 Datasheet
269Kb / 6P
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP112 ONSEMI-TIP112 Datasheet
269Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
REV 1
logo
Power Innovations Ltd
TIP112 POINN-TIP112 Datasheet
101Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP112 STMICROELECTRONICS-TIP112 Datasheet
72Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1999
More results

Similar Description - TIP112

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
NPN (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
NPN Darlington Transistor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
NPN Darlington Transistor
logo
Solid States Devices, I...
SFT10000-3 SSDI-SFT10000-3_1 Datasheet
143Kb / 2P
NPN DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N997 NJSEMI-2N997 Datasheet
91Kb / 1P
NPN DARLINGTON TRANSISTOR
2N6578 NJSEMI-2N6578 Datasheet
94Kb / 1P
NPN DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com