Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TIP112 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # TIP112
Description  DARLINGTON TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TIP112 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  TIP112 Datasheet HTML 1Page - First Silicon Co., Ltd TIP112 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2013. 10. 14
2/2
Revision No : 0
TIP112
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
B = 400uA
I
B = 450
I
B = 500uA
I B=
350
uA
I
B =
300u
A
I
B
= 250
uA
I
B = 200uA
I
B = 150uA
V
CE[V], COLLECTOR-
EMITTER VOLTAGE
0.01
0.1
1
10
10
100
1000
10000
VCE = 4V
IC[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.1
1
10
100
IC = 500 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
0.01
0.1
1
10
100
1
10
100
1000
f = 0.1 MHz
V CB[V], COLLECTOR-BASE VOLTAGE
1
10
100
0.1
1
10
DC
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
TC[
oC], CASE TEMPERATURE
Typical Characteristics
uA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com