Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADAV801 Datasheet(PDF) 5 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 5 Page - Analog Devices

  ADAV801 Datasheet HTML 1Page - Analog Devices ADAV801 Datasheet HTML 2Page - Analog Devices ADAV801 Datasheet HTML 3Page - Analog Devices ADAV801 Datasheet HTML 4Page - Analog Devices ADAV801 Datasheet HTML 5Page - Analog Devices ADAV801 Datasheet HTML 6Page - Analog Devices ADAV801 Datasheet HTML 7Page - Analog Devices ADAV801 Datasheet HTML 8Page - Analog Devices ADAV801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
ADAV801
Rev. 0 | Page 5 of 56
Parameter
Min
Typ
Max
Unit
Comments
Volume Control Step Size (256 Steps)
0.375
dB
Group Delay
48 kHz
630
µs
96 kHz
155
µs
192 kHz
66
µs
DAC LOW-PASS DIGITAL INTERPOLATION FILTER CHARACTERISTICS
Pass-Band Frequency
20
kHz
Sample rate: 44.1 kHz
22
kHz
Sample rate: 48 kHz
42
kHz
Sample rate: 96 kHz
Stop-Band Frequency
24
kHz
Sample rate: 44.1 kHz
26
kHz
Sample rate: 48 kHz
60
kHz
Sample rate: 96 kHz
Stop-Band Attenuation
70
dB
Sample rate: 44.1 kHz
70
dB
Sample rate: 48 kHz
70
dB
Sample rate: 96 kHz
Pass-Band Ripple
±0.002
dB
Sample rate: 44.1 kHz
±0.002
dB
Sample rate: 48 kHz
±0.005
dB
Sample rate: 96 kHz
PLL SECTION
Master Clock Input Frequency
27/54
MHz
Generated System Clocks
MCLKO
27/54
MHz
SYSCLK1
256
768
× fS
256/384/512/768 × 32/44.1/
48 kHz
SYSCLK2
256
768
× fS
256/384/512/768 × 32/44.1/
48 kHz
SYSCLK3
256
512
× fS
256/512 × 32/44.1/48 kHz
Jitter
SYSCLK1
65
ps rms
SYSCLK2
75
ps rms
SYSCLK3
75
ps rms
DIR SECTION
Input Sample Frequency
27.2
200
kHz
Differential Input Voltage
200
mV
DIT SECTION
Output Sample Frequency
27.2
200
kHz
DIGITAL I/O
Input Voltage High, VIH
2.0
DVDD
V
Input Voltage Low, VIL
0.8
V
Input Leakage, IIH @ VIH = 3.3 V
10
µA
Input Leakage, IIL @ VIL = 0 V
10
µA
Output Voltage High, VOH @ IOH = 0.4 mA
2.4
V
Output Voltage Low, VOL @ IOL = −2 mA
0.4
V
Input Capacitance
15
pF
POWER
Supplies
Voltage, AVDD
3.0
3.3
3.6
V
Voltage, DVDD
3.0
3.3
3.6
V
Voltage, ODVDD
3.0
3.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com