Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADAV801 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 1 Page - Analog Devices

  ADAV801 Datasheet HTML 1Page - Analog Devices ADAV801 Datasheet HTML 2Page - Analog Devices ADAV801 Datasheet HTML 3Page - Analog Devices ADAV801 Datasheet HTML 4Page - Analog Devices ADAV801 Datasheet HTML 5Page - Analog Devices ADAV801 Datasheet HTML 6Page - Analog Devices ADAV801 Datasheet HTML 7Page - Analog Devices ADAV801 Datasheet HTML 8Page - Analog Devices ADAV801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Audio Codec for Recordable DVD
ADAV801
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Stereo analog-to-digital converter (ADC)
Supports 48/96 kHz sample rates
102 dB dynamic range
Single-ended input
Automatic level control
Stereo digital-to-analog converter (DAC)
Supports 32/44.1/48/96/192 kHz sample rates
101 dB dynamic range
Single-ended output
Asynchronous operation of ADC and DAC
Stereo sample rate converter (SRC)
Input/output range: 8 kHz to 192 kHz
140 dB dynamic range
Digital interfaces
Record
Playback
Auxiliary record
Auxiliary playback
S/PDIF (IEC60958) input and output
Digital interface receiver (DIR)
Digital interface transmitter (DIT)
PLL-based audio MCLK generators
Generates required DVDR system MCLKs
Device control via SPI®-compatible serial port
64-lead LQFP package
FUNCTIONAL BLOCK DIAGRAM
ANALOG-TO-DIGITAL
CONVERTER
REFERENCE
SRC
DIGITAL-TO-ANALOG
CONVERTER
ADAV801
DIT
AUX DATA
OUTPUT
RECORD
DATA
OUTPUT
CONTROL
REGISTERS
PLL
DIGITAL
INPUT/OUTPUT
SWITCHING MATRIX
(DATAPATH)
PLAYBACK
DATA INPUT
AUX DATA
INPUT
DIR
VINL
VINR
VREF
FILTD
OLRCLK
OBCLK
OSDATA
OAUXLRCLK
OAUXBCLK
OAUXSDATA
DITOUT
ZEROL/INT
ZEROR
VOUTL
VOUTR
Figure 1.
APPLICATIONS
DVD-recordable
All formats
CD-R/W
PRODUCT OVERVIEW
The ADAV801 is a stereo audio codec intended for applications
such as DVD or CD recorders that require high performance
and flexible, cost-effective playback and record functionality.
The ADAV801 features Analog Devices’ proprietary, high
performance converter cores to provide record (ADC), playback
(DAC), and format conversion (SRC) on a single chip. The
ADAV801 record channel features variable input gain to allow
for adjustment of recorded input levels and automatic level
control, followed by a high performance stereo ADC whose
digital output is sent to the record interface. The record channel
also features level detectors that can be used in feedback loops
to adjust input levels for optimum recording. The playback
channel features a high performance stereo DAC with
independent digital volume control.
The sample rate converter (SRC) provides high performance
sample rate conversion to allow inputs and outputs that require
different sample rates to be matched. The SRC input can be
selected from playback, auxiliary, DIR, or ADC (record). The
SRC output can be applied to the playback DAC, both main and
auxiliary record channels, and a DIT.
Operation of the ADAV801 is controlled via an SPI-compatible
serial interface, which allows the programming of individual
control register settings. The ADAV801 operates from a single
analog 3.3 V power supply and a digital power supply of 3.3 V
with optional digital interface range of 3.0 V to 3.6 V.
The part is housed in a 64-lead LQFP package and is character-
ized for operation over the commercial temperature range of
−40°C to +85°C.


Similar Part No. - ADAV801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAV801 AD-ADAV801 Datasheet
853Kb / 61P
Audio Codec for Recordable DVD
Rev. A
ADAV801ASTZ AD-ADAV801ASTZ Datasheet
853Kb / 61P
Audio Codec for Recordable DVD
Rev. A
ADAV801ASTZ-REEL AD-ADAV801ASTZ-REEL Datasheet
853Kb / 61P
Audio Codec for Recordable DVD
Rev. A
ADAV801 AD-ADAV801_15 Datasheet
1Mb / 60P
Audio Codec for Recordable DVD
REV. A
ADAV801 AD-ADAV801_17 Datasheet
853Kb / 61P
Audio Codec for Recordable DVD
Rev. A
More results

Similar Description - ADAV801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAV803 AD-ADAV803 Datasheet
906Kb / 56P
Audio Codec for Recordable DVD
7/04-Revision 0
logo
Rohm
BD3825FS ROHM-BD3825FS Datasheet
200Kb / 6P
Audio Switch IC for DVD Recorder
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
DVD and DVB decoder for video and audio with DVD audio support
2004-Dec
logo
Opnext. Inc.
HL6545MG OPNEXT-HL6545MG Datasheet
95Kb / 4P
Visible High Power Laser Diode for Recordable-DVD
logo
STMicroelectronics
STD8010 STMICROELECTRONICS-STD8010 Datasheet
108Kb / 3P
Flexible MPEG audio/video codec with DVD and DVB receiver capability
Dec-2005
logo
Analog Devices
ADAV801 AD-ADAV801_15 Datasheet
1Mb / 60P
Audio Codec for Recordable DVD
REV. A
ADAV802 AD-ADAV802_15 Datasheet
532Kb / 53P
Audio Codec For Recordable DVD
Rev. Pr G
ADAV803 AD-ADAV803_15 Datasheet
1Mb / 60P
Audio Codec for Recordable DVD
REV. A
ADAV801 AD-ADAV801_17 Datasheet
853Kb / 61P
Audio Codec for Recordable DVD
Rev. A
ADAV803 AD-ADAV803_17 Datasheet
859Kb / 61P
Audio Codec for Recordable DVD
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com