Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP4935T1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LP4935T1G
Description  P-Channel MOSFET Low RDS(on) trench technology.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP4935T1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LP4935T1G Datasheet HTML 1Page - Leshan Radio Company LP4935T1G Datasheet HTML 2Page - Leshan Radio Company LP4935T1G Datasheet HTML 3Page - Leshan Radio Company LP4935T1G Datasheet HTML 4Page - Leshan Radio Company LP4935T1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dual P-Channel MOSFET
6.ELECTRICAL CHARACTERISTICS CURVES
Leshan Radio Company, LTD.
3/5
17
5
2
10
0
18
40
0
5
10
15
20
25
30
0.5
1.5
2.5
3.5
4.5
5.5
-VGS(Volts)
Figure 2: Transfer Characteristics (Note E)
10
20
30
40
50
60
70
80
02
46
8
10
-ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-VSD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
VGS=-4.5V
ID=-3A
VGS=-10V
ID=-4A
20
40
60
80
100
120
24
68
10
-VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25°C
125°C
VDS=-5V
VGS=-4.5V
VGS=-10V
ID=-4A
25°C
125°C
0
5
10
15
20
25
30
01
23
45
-VDS (Volts)
Fig 1: On-Region Characteristics (Note E)
VGS=-3.5V
-4V
-6V
-10V
-4.5V
LP4935T1G
Rev.B Nov. 2019



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com