Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP4935T1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LP4935T1G
Description  P-Channel MOSFET Low RDS(on) trench technology.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP4935T1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LP4935T1G Datasheet HTML 1Page - Leshan Radio Company LP4935T1G Datasheet HTML 2Page - Leshan Radio Company LP4935T1G Datasheet HTML 3Page - Leshan Radio Company LP4935T1G Datasheet HTML 4Page - Leshan Radio Company LP4935T1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dual P-Channel MOSFET
6.ELECTRICAL CHARACTERISTICS CURVES(Con.)
Leshan Radio Company, LTD.
4/5
0
2
4
6
8
10
02468
10
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
0
5
10
15
20
25
30
-V
DS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
VDS=-15V
ID=-4A
0
10
20
30
40
0.0001
0.01
1
100
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note F)
TA=25°C
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10s
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
100
µs
10ms
10ms
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
RθJA=125°C/W
LP4935T1G
Rev.B Nov. 2019



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com