Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SD1691TF Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SD1691TF
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SD1691TF Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SD1691TF Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SD1691TF Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SD1691TF Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD1691TF
Silicon NPN Power Transistor
www.pingjingsemi.com
Revision:1.0
Sept-2018
2 / 3
Electrical Characteristics (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Collector-base breakdown voltage
at IC = 100
μA, IE = 0
V(BR)CBO
60
-
V
Collector-emitter breakdown voltage
at IC = 1 mA, IB = 0
V(BR)CEO
60
-
V
Emitter-base breakdown voltage
at IE = 100
μA, IC = 0
V(BR)EBO
7
-
V
DC Current Gain
at VCE = 1 V, IC = 0.1 A
at VCE = 1 V, IC = 2 A
Current Gain Group
O
Y
G
at VCE = 1 V, IC = 5 A
hFE
hFE
hFE
hFE
hFE
60
100
160
200
50
-
200
320
400
-
-
-
-
-
-
Collector Base Cutoff Current
at VCB = 50 V, IE=0
ICBO
-
10
µA
Emitter Base Cutoff Current
at VEB = 7 V, IC=0
IEBO
-
10
µA
Collector Emitter Saturation Voltage
at IC = 2 A, IB = 0.2 A
VCE(sat)
-
0.3
V
Base Emitter Saturation Voltage
at IC = 2 A, IB = 0.2 A
VBE(sat)
-
1.2
V
Turn On Time
at VCC = 10 V, IC = 2 A, IB1=-IB2=0.2A, RL=5 Ω
ton
-
1
µs
Storage Time
at VCC = 10 V, IC = 2 A, IB1=-IB2=0.2A, RL=5 Ω
tstg
-
2.5
µs
Fall Time
at VCC = 10 V, IC = 2 A, IB1=-IB2=0.2A, RL=5 Ω
tf
-
1
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com