Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP4056H Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP4056H
Description  1A Standalone Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4056H Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP4056H Datasheet HTML 1Page - Lowpower Semiconductor inc LP4056H Datasheet HTML 2Page - Lowpower Semiconductor inc LP4056H Datasheet HTML 3Page - Lowpower Semiconductor inc LP4056H Datasheet HTML 4Page - Lowpower Semiconductor inc LP4056H Datasheet HTML 5Page - Lowpower Semiconductor inc LP4056H Datasheet HTML 6Page - Lowpower Semiconductor inc LP4056H Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP4056H – 00
Jan.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
Preliminary Datasheet
LP4056H
1A Standalone Linear Li-Ion Battery Charger
General Description
The LP4056H is a complete constant-current/constant- voltage
linear charger for single cell lithium-ion batteries. Its ESOP8
package and low external component count make the LP4056H
ideally suited for portable applications. Furthermore, the
LP4056H is specifically designed to work within USB power
specifications. No external sense resistor is needed, and no
blocking diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge current to
limit the die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V, and
the charge current can be programmed externally with a single
resistor. The LP4056H automatically terminates the charge
cycle when the charge current drops to 1C/10th the
programmed value after the final float voltage is reached. When
the input supply (wall adapter or USB supply) is removed, the
LP4056H automatically enters a low current state, dropping the
battery drain current to less than 1µA. Other features include
charge current monitor, automatic recharge and a status pin to
indicate charge termination and the presence of an input
voltage.
Order Information
LP4056H
F: Pb-Free
Package Type
SP: ESOP-8
Default:4.2V
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Features
Protection of Reverse Connection of Battery
Programmable Charge Current Up to 1000mA
No MOSFET, Sense Resistor or Blocking Diode Required
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charge Rate Without
Risk of Overheating
1µA Supply Current in Shutdown
Drainage Charge Current Thermal Regulation Status
Outputs for LED or System Interface
Indicates Charge and Full
Optional Battery Temperature Monitoring Before and
During Charge Automatic Sleep Mode for Low-Power
Consumption Available in ESOP-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
ISET
STAT2
VBAT
STAT1
Battery
CBAT
10uF
VIN
RSET
2K
VSS
CIN
10uF
VIN
EN
ON
OFF
Marking Information
Device
Marking
Package
Shipping
LP4056HSPF
LPS
LP4056H
YWX
ESOP-8
4K/REEL
Y: Y is year code. W: W is week code. X: X is series number.


Similar Part No. - LP4056H

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP4056 POWER-LP4056 Datasheet
496Kb / 7P
1A/800mA Standalone Linear Li-Ion Battery Charger
Aug.-2017
LP4056AB5F POWER-LP4056AB5F Datasheet
496Kb / 7P
1A/800mA Standalone Linear Li-Ion Battery Charger
Aug.-2017
LP4056B5F POWER-LP4056B5F Datasheet
496Kb / 7P
1A/800mA Standalone Linear Li-Ion Battery Charger
Aug.-2017
More results

Similar Description - LP4056H

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
1A Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
1A Linear Li-Ion Battery Charger
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
600mA Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com