Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP4056H Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP4056H
Description  1A Standalone Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4056H Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP4056H Datasheet HTML 1Page - Lowpower Semiconductor inc LP4056H Datasheet HTML 2Page - Lowpower Semiconductor inc LP4056H Datasheet HTML 3Page - Lowpower Semiconductor inc LP4056H Datasheet HTML 4Page - Lowpower Semiconductor inc LP4056H Datasheet HTML 5Page - Lowpower Semiconductor inc LP4056H Datasheet HTML 6Page - Lowpower Semiconductor inc LP4056H Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP4056H – 00
Jan.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Preliminary Datasheet
LP4056H
Function Block Diagram
8
6
7
2
3
5
4
SCHMITT
CA
MA
VA
C1
C2
C3
REF
STAT2
STAT1
SHDN
TO BAT
VCC
R3
R4
R5
ISET
VSS
R2
R1
BAT
VIN
1X
+
+
+
+
+
+
-
-
-
-
-
-
EN
Absolute Maximum Ratings
Note 1
Input to GND(VIN) -------------------------------------------------------------------------------------------------------------------- -0.3V to 8V
BAT to GND ------------------------------------------------------------------------------------------------------------------------------ -5V to 6V
VIN to BAT ----------------------------------------------------------------------------------------------------------------------------------------- 8V
Other Pin to GND --------------------------------------------------------------------------------------------------------------------- -0.3V to 8V
BAT Short-circuit Duration-------------------------------------------------------------------------------------------------------------Continuous
Storage Temperature --------------------------------------------------------------------------------------------------------------- -45℃ to 165℃
Operating Junction Temperature Range (TJ) ---------------------------------------------------------------------------------- -20℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) ----------------------------------------------------------------------------------- 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Maximum Power Dissipation (PD,TA=25°C) ---------------------------------------------------------------------------------------------- 2W
Thermal Resistance (JA) ---------------------------------------------------------------------------------------------------------------------- 50℃/W
ESD Susceptibility
HBM(Human Body Mode) ----------------------------------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) ------------------------------------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com