Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6480 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP6480
Description  600KHz, 16V/2A Synchronous Step-down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6480 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP6480 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LP6480-01
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 10
Preliminary Datasheet
LP6480
Output Capacitor Selection
The function of output capacitance is to store energy to
attempt to maintain a constant voltage. The energy is stored
in the capacitor’s electric field due to the voltage applied. The
value of output capacitance is generally selected to limit
output voltage ripple to the level required by the specification.
Since the ripple current in the output inductor is usually
determined by L, VOUT and VIN, the series impedance of the
capacitor primarily determines the out-put voltage ripple. The
three elements of the capacitor that contribute to its
impedance (and output voltage ripple) are equivalent series
resistance (ESR), equivalent series inductance (ESL), and
capacitance (C). The output voltage droop due to a load
transient is dominated by the capacitance of the ceramic
output capacitor. During a step increase in load current, the
ceramic output capacitor alone supplies the load current until
the loop responds. Within three switching cycles, the loop
responds and the inductor current increases to match the load
current demand.
The relationship of the output voltage
droop during the three switching cycles to the output
capacitance can be estimated by:
In many practical designs, to get the required ESR, a
capacitor with much more capacitance than is needed must
be selected. For continuous or discontinuous inductor current
mode operation, the ESR of the COUT needed to limit the
ripple to ∆VOUT, V peak-to-peak is:
Ripple current flowing through a capacitor’s ESR causes
power dissipation in the capacitor. This power dissipation
causes a temperature increase internal to the capacitor.
Excessive temperature can seriously shorten the expected life
of a capacitor. Capacitors have ripple current ratings that are
dependent on ambient temperature and should not be
exceeded. The output capacitor ripple cur-rent is the inductor
current, IL, minus the output current, IOUT.
Inductor Selection
For most designs, the LP6480 operates with inductor values
of 2.2μH to 10μH. Low inductance values are physically
smaller but require faster switching, which results in some
efficiency loss. The inductor value can be derived from the
following equation:
Where ΔIL is inductor ripple current. Large value inductors
lower ripple current and small value inductors result in high
ripple currents. Choose inductor ripple current approximately
60% of the maximum load current 2A, or
Manufacturer’s specifications list both the inductor DC current
rating, which is a thermal limitation, and the peak current
rating, which is determined by the saturation characteristics.
The inductor should not show any appreciable saturation
under normal load conditions. Some inductors may meet the
peak and average current ratings yet result in excessive
losses due to a high DCR.
Always consider the losses associated with the DCR and its
effect on the total converter efficiency when selecting an
inductor. For optimum voltage-positioning load transients,
choose an inductor with DC series resistance in the 20mΩ to
100mΩ range. For higher efficiency at heavy loads (above
200mA), or minimal load regulation (but some transient
overshoot), the resistance should be kept below 100mΩ.
The DC current rating of the inductor should be at least equal
to the maximum load current plus half the ripple current to
prevent core saturation (2A + 600mA).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com