Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6480 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6480
Description  600KHz, 16V/2A Synchronous Step-down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6480 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6480 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP6480-01
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Preliminary Datasheet
LP6480
600KHz, 16V/2A Synchronous Step-down Converter
General Description
The LP6480 contains a independent 600KHz
constant frequency, current mode, PWM step-down
converters. The converter integrates a main switch
and a synchronous rectifier for high efficiency
without an external Schottky diode. The LP6480 is
ideal for powering portable equipment that runs
from a 2cell Lithium-Ion (Li+) battery. The converter
can supply 2000mA of load current from a 4.5V to
16V input voltage. The output voltage can be
regulated as low as 0.6V.
The LP6480 is available in a SOP8 package and is
rated over the -40°C to 85°C temperature range.
Order Information
LP6480 □ □ □
F: Pb-Free
Package Type
SO: SOP8
Applications
Portable Media Players
Cellular and Smart mobile phone
PDA/DSC
GPS Applications
Features
Input Voltage Range: 4.5V to 16V
Output Voltage Range: 0.6V to 12V
2000mA Load Current on Channel
Up to 96% Efficiency
<6uA Shutdown Current
600KHz Switching Frequency
Short Circuit Protection
Thermal Fault Protection
SOP8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
The C1 must be as close as possible to the chip, and the capacitor loop
is the same.
Marking Information
Device
Marking
Package
Shipping
LP6480SOF
LPS
LP6480
YWX
SOP8
2.5K/REEL
Y: Year code. W: Week code. X: Batch numbers.
22uFx 2
C1
10nF
C2
22uF
2.2uH
3V3_2A
100K
22K
R2
LP6480B6F
7
3
5
2
1
4
EN
SW
FB
VIN
BS
GND
VOUT=(R1/R2+1)VFB
R1
500K
VIN(4.5-16V)


Similar Part No. - LP6480

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6482S POWER-LP6482S Datasheet
973Kb / 10P
340KHz, 36V/2.5A Step-down Converter With Soft-Start
More results

Similar Description - LP6480

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2209 MPS-MP2209 Datasheet
558Kb / 12P
16V, 2A, 600kHz Synchronous Step-Down Converter
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
MP2214 MPS-MP2214 Datasheet
351Kb / 12P
16V, 4A, 600kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8031 BELLING-BL8031 Datasheet
754Kb / 6P
600KHz, 16V, 2A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6460A POWER-LP6460A Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470 POWER-LP6470 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470T POWER-LP6470T Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8942 SHOUDING-SD8942 Datasheet
942Kb / 7P
600KHz, 16V竊?A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com