Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HM5213 Datasheet(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5213
Description  2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5213 Datasheet(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5213 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
����������������−������������������������−�������� =
����������������������������
8 × �������� × ����������������
where
���������������������������� =
���� × (������������ − ����������������)
2 × ���� × ��������
���� =
����������������
������������
where
VOUT-RIPPLE-PP
: estimated output voltage ripple
IRIPPLE
: estimated current ripple
D
: Estimated duty factor
Output ripple can be estimated from the vector sum of the reactive (capacitance) voltage component and the real
(ESR) voltage component of the output capacitor:
����������������−������������������������−�������� = √��������������������
2
+ ��������������������
2
where
�������������������� = ���������������������������� × ����������������������������
�������������������� =
����������������������������
8 × �������� × ����������������
where
VOUT-RIPPLE-PP
estimated output ripple,
VROUT
estimated real output ripple,
VCOUT
estimated reactive output ripple.
The device is designed to be used with ceramic capacitors on the outputs of the buck regulators. The recommended
dielectric type of these capacitors is X5R, X7R, or of comparable material to maintain proper tolerances over voltage
and temperature. The recommended value for the output capacitors is 10µF, 6.3V with an ESR of 2mΩ or less. The
output capacitors need to be mounted as close as possible to the output/ground terminals of the device.
BUCK Input Capacitor Selection
input capacitor should be located as close as possible to their corresponding VIN and GND terminals, tantalum
capacitor can also be located in the proximity of the device.
The input capacitor supplies the AC switching current drawn from the switching action of the internal power
MOSFETs. The input current of a buck converter is discontinuous, so the ripple current supplied by the input
capacitor is large. The input capacitor must be rated to handle both the RMS current and the dissipated power. The
input capacitor must be rated to handle this current:
����������������_������������ = ����������������
√���������������� × (������������ − ����������������)
������������
The power dissipated in the input capacitor is given by:
��������_������������ = ����������������_������������
2
× ����������������_������������
The device is designed to be used with ceramic capacitors on the inputs of the buck regulators. The recommended
dielectric type of these capacitors is X5R, X7R, or of comparable material to maintain proper tolerances over voltage
HM5213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com