Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HM5213 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5213
Description  2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5213 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5213 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
Absolute Maximum Ratings (1)
Input Voltage (VVIN1, VVIN2) …….…………………………………………………………………...… 0.3V to +6.5V
SW Pin Voltage (VSW1, VSW2) …….…………………………………………………………….… 0.3V to VVINX+0.3V
All Other Pins Voltage…………………………………………………………………………….…. -0.3V to +6.5V
Ambient Temperature operating Range (TA) ………………………………………………………... -40°C to +85°C
Maximum Junction Temperature (TJmax) ………………………………………………………………….…. +150°C
Lead Temperature (Soldering, 10 sec) ………………………………………………………………………. +260°C
Storage Temperature Range (TS) …………………………………………………………………... -55°C to +150°C
DFN 3×3-10 Thermal Resistance (θJC) ………………………………………………………………….… 8.5°C/W
DFN 3×3-10 Thermal Resistance (θJA) ………………………………………………………………….…. 55°C/W
DFN 3×3-10 Power Dissipation at TA=25°C (PDmax) ………………………………………………...……… 3.0W
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired
Electrical Characteristics (2)(3)
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
2.5
5.5
V
Input DC Supply Current Active Mode
VFB=0.5V or VOUT=90%
300
400
μA
Input DC Supply Current Shutdown Mode
VFB=0V, VIN=4.2V
0.1
1.0
μA
Regulated Feedback Voltage
TA= +25°C
0.5880 0.6000 0.6120
V
TA= 0°C ≤ TA ≤ 85°
0.5865 0.6000 0.6135
V
TA= -40°C ≤ TA ≤ 85°
0.5820 0.6000 0.6180
V
VFB Input Bias Current
VFB= 0.65V
±30
nA
Reference Voltage Line Regulation
VIN=2.5V-5.5V
IOUT=10mA
0.50
0.60
%/V
Output Voltage Line Regulation
VIN=2.5V-5.5V
IOUT=10mA
0.50
0.60
%/V
Peak Inductor Current
VIN=3V, VFB=0.5V or
VOUT=90%
Duty Cycle <35%
1.5
A
Oscillator Frequency
VFB=0.6V or VOUT=100%
1.2
1.5
1.8
MHz
RDS(ON) of P-CH MOSFET
ISW= 300mA
300
350
RDS(ON) of N-CH MOSFET
ISW= 300mA
300
350
SW Leakage
VRUN= 0V, VSW= 0V or 5V,
VIN=5V
±0.01
±1
μA
Soft start
0.29
mS
RUN Threshold Low
-40°C ≤ TA≤ 85°C
0.6
V
RUN Threshold High
-40°C ≤ TA≤ 85°C
1.5
V
RUN Leakage Current
±0.01
±1
μA
Thermal Shutdown Threshold
165
Note 2: MOSFET on-resistance specifications are guaranteed by correlation to wafer level measurements.
Note 3: Thermal shutdown specifications are guaranteed by correlation to the design and characteristics analysis.
HM5213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com