Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSC36AC Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # CSC36AC
Description  Multi-Device Charging Cart, 36 AC Outlets, Chromebooks and Laptops, Black
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC36AC Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  CSC36AC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC36AC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSC36AC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CSC36AC Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Device Slots
36
INPUT
Nominal Input Voltage(s) Supported
120V AC
Voltage Compatibility (VAC)
120
Input Frequency
60 Hz
Input Plug Type
NEMA 5-15P
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
CHARGING
Charging Ports / Amps
(36) 12A
Number of Charging Ports
36
Overcharge Protection
No
Charging Method
AC
Charging Ports Detail
Pass through
Charging Port Type
NEMA 5-15R
Charging Amps per Port
12A
PHYSICAL
Antimicrobial Coating
No
Charging Station Form Factor
Mobile Cart
Color
Black
Material of Construction
Steel
Shipping Dimensions (hwd / cm)
119.00 x 68.00 x 73.99
Shipping Dimensions (hwd / in.)
46.85 x 26.77 x 29.13
Shipping Weight (kg)
85.28
Shipping Weight (lbs.)
188.00
Slot Dimensions - Bottom (hwd / in.)
10.11 x 1.5 x 15.58
Slot Dimensions - Bottom (hwd /
mm)
256.9 x 38.22 x 395.72
Slot Dimensions - Middle (hwd / in.)
10.13 x 1.5 x 15.58
Slot Dimensions - Middle (hwd / mm)
257.3 x 38.22 x 395.72
Slot Dimensions - Top (hwd / in.)
10.13 x 1.5 x 15.58
Slot Dimensions - Top (hwd / mm)
257.3 x 38.22 x 395.72
Unit Dimensions (hwd / cm)
107.45 x 71.04 x 56.13 (with handle installed)
Unit Dimensions (hwd / in.)
42.3 x 27.97 x 26.04 (with handle installed)
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com