Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSC36AC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # CSC36AC
Description  Multi-Device Charging Cart, 36 AC Outlets, Chromebooks and Laptops, Black
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC36AC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  CSC36AC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC36AC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSC36AC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CSC36AC Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Multi-Device Charging Cart, 36 AC Outlets,
Chromebooks and Laptops, Black
MODEL NUMBER: CSC36AC
Keep up to 36 Chromebooks and laptops secure, charged and ready to use. Ideal for classrooms,
businesses and government organizations that rely on daily use of mobile devices.
Description
The CSC36AC 36-Device AC Charging Station Cart provides timed AC charging, secure storage and cord
management for 36 Chromebooks and laptops with a screen size up to 15 inches.
The connected devices’ AC adapters plug into the cart’s 36 NEMA 5-15R outlets as needed. To conserve
energy and avoid potential overloads, the outlets are evenly split into two charging zones. Each zone
charges for one hour at a time until a built-in timer switches to the other.
An RJ45 jack allows you to connect external Ethernet equipment, such as wireless hotspots, inside the
cabinet. The laminated wood-grain top acts as a writing surface and holds a projector and other devices
that plug into two external NEMA 5-15R outlets. An inside switch can turn these outlets off to protect
against overloads.
Constructed from heavy-duty steel covered with a black powder-coated finish, the CSC36AC provides
safe, secure storage. The front and back doors lock to help prevent theft, damage and tampering, and
flow-through ventilation helps prevent devices from overheating.
To prevent cable clutter, device power adapters stow away in removable baskets. Charging cables run
through zoned slots and into an overhead cable manager.
Moving devices from room to room is easy. Large swivel casters with non-marking wheels improve the
ride over uneven surfaces and lock to help prevent unwanted movement. The reversible wide-grip handle
makes the cart easy to control. Corner safety bumpers protect walls and doorways from scratches.
Features
Charges 36 Chromebooks and Laptops Up to 15 in.
Device power adapters plug into internal NEMA 5-15R outlets (up to 1,440 watts total)
q
Also charges tablets and other USB devices through their power adapters
q
Extra internal AC outlet for powering peripherals
q
RJ45 jack for external Ethernet networking
q
10 ft. AC input cord with NEMA 5-15P plug reaches distant outlets
q
Highlights
Charges 36 Chromebooks and
laptops with screen sizes up to
15 in.
q
Hourly timer alternates charging
zones to help prevent overloads
q
In-cabinet RJ45 jack allows
secure use of a wireless router
q
Convenient external outlets
provide power for a monitor or
projector
q
Package Includes
CSC36AC 36-Device AC
Charging Station Cart, Black
q
Cart handle
q
Input cord wrap
q
(6) Protective bumpers
q
(10) Hex screws
q
Hex key
q
(2) Keys
q
Owner’s manual
q
1 / 4


Similar Part No. - CSC36AC

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC3619 CDIL-CSC3619 Datasheet
250Kb / 2P
NPN SILICON PLASTIC POWER TRANSISTOR
logo
Tripp Lite. All Rights ...
CSC36DM TRIPPLITE-CSC36DM Datasheet
43Kb / 2P
Display Mount Adapter Kit for 36-Device AC Charging Station Cart
More results

Similar Description - CSC36AC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CSC32USB TRIPPLITE-CSC32USB Datasheet
531Kb / 3P
32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
CSCXB36AC TRIPPLITE-CSCXB36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, BS 1363, 230V - 3 m Cord
CSCXS36AC TRIPPLITE-CSCXS36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, Schuko, 230V - 3 m Cord
CSC16AC TRIPPLITE-CSC16AC Datasheet
169Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
CS16AC TRIPPLITE-CS16AC Datasheet
187Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSC32AC TRIPPLITE-CSC32AC Datasheet
208Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, Black
CSC16ACW TRIPPLITE-CSC16ACW Datasheet
167Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, White
CSC32ACW TRIPPLITE-CSC32ACW Datasheet
186Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, White
CSHANDLEKIT2 TRIPPLITE-CSHANDLEKIT2 Datasheet
176Kb / 2P
Mobile Cart Conversion Kit with Handle, Casters and Power Cord Manager for 16-Device AC and USB Charging Stations
CSC36DM TRIPPLITE-CSC36DM Datasheet
43Kb / 2P
Display Mount Adapter Kit for 36-Device AC Charging Station Cart
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com