Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASM2I99448 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASM2I99448
Description  3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99448 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button ASM2I99448 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
May 2005
ASM2I99448
rev 0.3
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
8 of 15
Notice: The information in this document is subject to change without notice.
multiple lines, the situation in Figure 4 “Optimized Dual
Line Termination” should be used. In this case, the series
terminating resistors are reduced such that when the
parallel combination is added to the output buffer
impedance the line impedance is perfectly matched.
17
Ω + 16Ω || 16Ω = 50Ω || 50Ω
25
Ω = 25Ω
Figure 4. Optimized Dual Line Termination
Power Consumption of the ASM299448 and
Thermal Management
The ASM2I99448 AC specification is guaranteed for the
entire operating frequency range up to 350MHz. The
ASM2I99448 power consumption and the associated
long-term
reliability
may
decrease
the
maximum
frequency limit, depending on operating conditions such
as clock frequency, supply voltage, output loading,
ambient temperature, vertical convection and thermal
conductivity of package and board. This section
describes the impact of these parameters on the junction
temperature and gives a guideline to estimate the
ASM2I99448 die junction temperature and the associated
device reliability.
Table 9. Die junction temperature and MTBF
Junction temperature (°C)
MTBF (Years)
100
20.4
110
9.1
120
4.2
130
2.0
Increased power consumption will increase the die
junction temperature and impact the device reliability
(MTBF). According to the system-defined tolerable
MTBF, the die junction temperature of the ASM2I99448
needs to be controlled and the thermal impedance of the
board/package should be optimized.The power dissipated
in the ASM2I99448 is represented in equation 1.
Where ICCQ is the static current consumption of the
ASM2I99448, CPD is the power dissipation capacitance
per output,
(Μ)ΣCL represents the external capacitive
output load, N is the number of active outputs (N is
always 12 in case of the ASM2I99448). The ASM2I99448
supports driving transmission lines to maintain high signal
integrity and tight timing parameters. Any transmission
line will hide the lumped capacitive load at the end of the
board trace, therefore,
ΣCL is zero for controlled
transmission line systems and can be eliminated from
equation 1. Using parallel termination output termination
results in equation 2 for power dissipation.
In equation 2, P stands for the number of outputs with a
parallel or thevenin termination, VOL, IOL, VOH and IOH
are a function of the output termination technique and
DCQ is the clock signal duty cycle. If transmission lines
are used
ΣCL is zero in equation 2 and can be
eliminated. In general, the use of controlled transmission
line techniques eliminates the impact of the lumped
capacitive loads at the end lines and greatly reduces the
power dissipation of the device. Equation 3 describes the
die junction temperature TJ as a function of the power
consumption.
Where Rthja is the thermal impedance of the package
(junction to ambient) and TA is the ambient temperature.
According to Table 9, the junction temperature can be
used to estimate the long-term device reliability. Further,
combining equation 1 and equation 2 results in a
maximum operating frequency for the ASM2I99448 in a
series terminated transmission line system, equation 4.
()
()
[]
()
4
1
3
2
1
1
2
Equation
V
I
R
T
T
V
N
C
f
Equation
R
P
T
T
Equation
V
I
DC
V
V
I
DC
C
C
N
f
V
I
V
P
Equation
V
C
C
N
f
V
I
P
CC
CCQ
thja
A
JMAX
CC
PD
CLOCKMAX
thja
TOT
A
J
P
OL
OL
Q
OH
CC
OH
Q
M
L
PD
CLOCK
CC
CCQ
CC
TOT
CC
M
L
PD
CLOCK
CC
CCQ
TOT
=
+
=
+
+
+
+
=
+
+
=
ASM2I99448
OUTPUT BUFFER
17Ω
Z0=50Ω
RS=16Ω
Z0=50Ω
RS=16Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com