Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCL2801LED2GEVB Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCL2801LED2GEVB
Description  Deep Dimming LED Driver 150 W Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL2801LED2GEVB Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCL2801LED2GEVB Datasheet HTML 2Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 3Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 4Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 5Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 6Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 7Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 8Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 9Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCL2801LED2GEVB
www.onsemi.com
6
Figure 5. Power Stage
D9
MMSZ30T1G
OVP/OTP
R26
15k
Skip
Q5
MMBTA06LT1G
R27
56k
D10
MMSZ5248CT1G
Vcc_PFC
C22
Opto−
PFC_BO
D17
ES1JFL
LCC_Vcc
LCC_Vcc
R69
10
Boot
R70
2.7k
R71
2.7k
D11
SS13HE
DNI
D12
SS13HE
DNI
R28
1
DNI
R29
1
DNI
R72
100
C42
100 pF
C43
100 pF
C28
Mult_out
Sec_Vcc_reg
R25
56k
C48
Q1
FCD9N60NTM
Q2
FCD9N60NTM
*
*
*
*
*
*
T1
750318211
Tran1
Sec_B
Sec_A
Sec_CT
L4
100uH
U1
NCP13992
HV
Vbulk/PFCFB
3
Skip
4
5
LLCFB
LLCCS
6
9
PFCMODE
OVP/OTP
7
FBFreeze
8
Vboot
16
HB
15
Mupper
14
Mlower
12
Vcc
10
GND
Vboost
U2
FODM1007R2
1
2
4
3
C7
R2
10 HS_gate
R5
10
LS_gate
HS_Gd
Pri_Vcc_bulk
C5
100 nF
LS_Gd
Tran2
LLCFB
D7
ES1JFL
C6
220 pF
D8
ES1JFL
R4
2.4k
C8
22nF
C20
Sec_Vcc
Tran_res
C21
R3
100
LLCCS
R78
10k
Pri_Vcc_unreg
10
mF 50 V
1
mF
10
mF 50 V
22 nF 1 kV
2.2
mF 100 V
4.7 nF Y1
Figure 6. Output Circuit
Sec_A
Sec_CT
Sec_B
D4
MBRF20100CTG
1
3
2
C9
Vout_unreg
L5
C10
J6
OSTTC062162
1
2
3
4
5
6
C12
10 nF
LED_sens
R13
4.99k
R10
10k
R12
50m
Opto−
R73
1k
Q3
NTD24N06LT4G
HS3
CSM222−30AE
R9
4.99k
R79
24k
+
−
U10
TLV271SN2T1G
3
4
1
Dim_contrl
C46
R41
158k
LED_rtn
Q7
MMBTA06LT1G
R61
10k
D16
MMSZ56T1G
R62
1k
Opto−
R30
11k
R63
205k
R42
4.7Meg
Vref2
C45
22 nF
Vref1
Voltage Regulator
HS4
V5074B−T
R31
0.4
D13
MBRS4201T3G
LED+
Sec_Vcc_reg
Z5
Screw_M3X 8
Lin_src
Z6
Screw_M3X 8
+
−
U9
TLV271SN2T1G
3
4
1
R35
100
Dim_input
Lin_gt
R36
10k
FB1
C26
4.7 nF
Sec_7V0_bulk
R81
4.99k
C49
100 nF
R82
1k
22
mH
470
mF 63 V
10
mF
470
mF 63 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com