Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCL2801LED2GEVB Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCL2801LED2GEVB
Description  Deep Dimming LED Driver 150 W Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL2801LED2GEVB Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCL2801LED2GEVB Datasheet HTML 6Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 7Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 8Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 9Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 10Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 11Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 12Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 13Page - ON Semiconductor NCL2801LED2GEVB Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NCL2801LED2GEVB
www.onsemi.com
10
BILL OF MATERIAL (continued)
Quantity
Safety
Controlled
Insert
Mfr_PN
Manufacturer
Dist. P/N
Distributor
Part
Reference
1
U1
NCP13992
Digikey
NCP13992AADR2GOSCT
−ND
ON
Semiconductor
NCP13992AADR2G
Yes
No
1
U2
FODM1007R2
Digikey
FODM1007R2CT−ND
ON
Semiconductor
FODM1007R2
Yes
No
1
U4
NCL2801CDA
ON
Semiconductor
NCL2801CDA
ON
Semiconductor
NCL2801CDA
Yes
No
1
U5
S−1212BA0−M
5T1U
Digikey
1662−2789−1−ND
ABLIC
S−1212BA0−M5T1U
Yes
No
1
U6
TLV1805−Q1
TI
TLV1805−Q1
TI
TLV1805−Q1
Yes
No
3
U9,U10,
U12
TLV271SN2T1
G
Digikey
TLV271SN2T1GOSCT−N
D
ON
Semiconductor
TLV271SN2T1G
Yes
No
1
U11
SI8735BC−ISR
Digikey
336−5079−1−ND
Silicon Labs
SI8735BC−ISR
Yes
No
1
U14
MP4569GN−Z
Digikey
1589−1680−1−ND
MPS
MP4569GN−Z
Yes
No
1
U15
NCP715SQ50
T2G
Digikey
NCP715SQ50T2GOSCT−
ND
ON
Semiconductor
NCP715SQ50T2G
Yes
No
0.01
Z3
Screw_6−32 X
5/16”
McMaster Carr
*****
*****
Yes
No
0.03
Z4,Z5,Z6
Screw_M3X 8
McMaster Carr
*****
*****
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com