Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATTPM20P Datasheet(PDF) 8 Page - Microchip Technology

Part # ATTPM20P
Description  Trusted Platform Module (TPM) 2.0 - SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTPM20P Datasheet(HTML) 8 Page - Microchip Technology

Back Button ATTPM20P Datasheet HTML 4Page - Microchip Technology ATTPM20P Datasheet HTML 5Page - Microchip Technology ATTPM20P Datasheet HTML 6Page - Microchip Technology ATTPM20P Datasheet HTML 7Page - Microchip Technology ATTPM20P Datasheet HTML 8Page - Microchip Technology ATTPM20P Datasheet HTML 9Page - Microchip Technology ATTPM20P Datasheet HTML 10Page - Microchip Technology ATTPM20P Datasheet HTML 11Page - Microchip Technology ATTPM20P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
3.
Design Considerations
The following sections provide considerations when implementing the ATTPM20P into a given system.
3.1
SPI Bit Order
The bit order on the SPI Interface is Most Significant bit (MSb) first.
3.2
TPM SPI is Slave Only
The TPM SPI Interface is always configured to be in Slave mode.
3.3
Wait State
The TPM may insert Wait states per the TCG PC Client specification.
3.4
Available Key Storage
The ATTPM20P provides support for the loading of up to ten 2048-bit RSA or ECC keys. These key slots
are in addition to the root keys allocated for the Platform, Storage, and Endorsement Hierarchies (i.e
PPK, SRK, and EK).
3.5
Standard Mode Self-Test
Following a power-up event or a reset, the TPM will execute a series of self-tests of the TPM capabilities.
ATTPM20P splits the TPM power-on self-tests into two groups as defined by the PTP. The initial group is
executed immediately upon TPM power-up. The initial ATTPM20P self-test includes verification of the
RNG and the SHA capabilities for secure boot operations.
The remaining tests of critical internal resources are performed at a later time, either:
After the TPM2_SelfTest command is issued, or
Upon receipt of the TPM2_IncrementalSelftest command, or
Receipt of a command that requires TPM resources that were not tested.
In the event that a TPM command calls an untested resource, the TPM may return TPM_RC_TESTING
and automatically complete internal self-test operations. The requesting software will then be required to
resend the original command.
ATTPM20P
Design Considerations
© 2018 Microchip Technology Inc.
Datasheet Summary
DS40002082A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com