Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSC8101 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MSC8101
Description  Silicon Errata for the MSC8101 Processor, Mask 0K40A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MSC8101 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Silicon Errata for the MSC8101 Processor, Mask 0K40A, Rev. 5
2
Freescale Semiconductor
SIU4
Incorrect Masking of MCP
Date Added: 5/30/2000:
Description: MCP (Machine Check Interrupt) due to data errors (parity / ECC) is masked by the
SWRI bit in SYPCR.
Workaround: Clear the SWRI bit in SYPCR to get data errors indication.
System Number: 3695
Fix Plan: Rev A
0K40A
SIU8
Parity Checking Error
Date Added: 6/13/2000:
Description: During a read from a device with port size less than 64 bits, from an address not
aligned to 64 bits, the parity bits for parity check are not taken from the correct locations. For ex-
ample, for a read of 4 bytes from a 32-bit port size from address 4, the parity is checked against
DP[4–7] while it should be checked against DP[0–3]. The bug exists for both normal and rmw
parity, and for both PowerPC and Local buses.
Workaround: None
System Number: 5839
Fix Plan: RevA
0K40A
SIU9
Bus Monitor Asserts Spurious TEA After Address Retry.
Date Added: 1/28/2001
Description: The bus monitor will not recognize the competition of an Address Retry transaction
and will assert TEA if there is no bus activity for a time equal to the expiration time.
Workaround: Disable the bus monitor in systems where Address Retry cycles are used (e.g. sys-
tems which include PowerSpan).
Fix Plan: Rev A
0K40A
SIU10
Strict Enforcement of Requirement to Assert DBG and TS in Same Cycle When Core En-
abled
Date Added: 1/28/2001
Description: This is a compatibility note. An external arbiter must assert DBG in the same clock
in which TS is asserted (there may be a one clock delay if the PPC_ACR[DBGD] bit is set, how-
ever, after reset this bit is not set by default). Some external arbiters, including the one implement-
ed in PowerSpan, violate this requirement. As a result, the system hangs following the first bus
access after reset.
Workaround: Use only a compliant external arbiter or the internal MSC8101 arbiter.
Fix Plan: Rev A
0K40A
SIU13
SDAMUX not Valid in Single-MSC8101 Mode
Date Added: 3/14/2002
Description: SDAMUX signal is disabled (stuck at’0’)when SDRAM machine handles the
memory access and the chip is programmed to single-MSC8101 mode (BCR[EBM]=0).
Workaround: None.
Fix Plan: TBD
0K40A
Table 2. Silicon Errata (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com