Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSPIN32F0A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Compact reference design kit for robotics and automation based on STSPIN32F0A
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 3Page - STMicroelectronics STSPIN32F0A Datasheet HTML 4Page - STMicroelectronics STSPIN32F0A Datasheet HTML 5Page - STMicroelectronics STSPIN32F0A Datasheet HTML 6Page - STMicroelectronics STSPIN32F0A Datasheet HTML 7Page - STMicroelectronics STSPIN32F0A Datasheet HTML 8Page - STMicroelectronics STSPIN32F0A Datasheet HTML 9Page - STMicroelectronics STSPIN32F0A Datasheet HTML 10Page - STMicroelectronics STSPIN32F0A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Figure 5. Schematic board 3
Nominal supply voltage 36 V
Operating range from 12 V to 45 V
Wurth Elektronik
744043390
Wurth Elektronik
865080243008
VDD
5V
VM
5V
VM
C28
100n
R51
187k
J 7
1
2
C24
4700n
L1
39uH
1
2
C26
330n
U4 L78L33ABUTR
IN
3
OUT
1
TP11
C27
100n
R52
60k4
C22
100n
+
C20
47uF
+
C21
47uF
U3
ST1S 14PHR
BOOT
1
EN2
5
FB
4
GND
6
P G
2
S W
8
VIN
7
EN1
3
C23
1.7p
D10
S TPS0560Z
+
C25
150u
TP12
Table 6. Bill of materials
Item
Quantity
Part reference
Part description
Value
1
3
C1, C7, C10
SMT ceramic capacitor
100 nF
2
1
C2
SMT ceramic capacitor
10 µF
3
1
C3
SMT ceramic capacitor
10 µF
4
3
C4, C5, C6
SMT ceramic capacitor
470 nF
5
2
C8, C11
SMT ceramic capacitor
10 nF
6
2
C9, C19
SMT ceramic capacitor
1 nF
7
3
C12, C14, C16
SMT ceramic capacitor
33 pF
8
3
C13, C15, C17
SMT ceramic capacitor
150 nF
9
1
C18
SMT ceramic capacitor
2.2 nF
10
2
C20, C21
SMT electrolytic capacitor
47 µF
11
2
C22, C28
SMT ceramic capacitor
100 nF
12
1
C23
SMT ceramic capacitor
1.7 pF
13
1
C24
SMT ceramic capacitor
4700 nF
14
1
C25
SMT electrolytic capacitor
150 µF
15
1
C26
SMT ceramic capacitor
330 nF
16
2
C27, C29
SMT ceramic capacitor
100 nF
17
3
C30, C31, C32
SMT ceramic capacitor
220 pF
18
6
D4, D5, D6, D7, D8, D9
Small signal Schottky diode
BAT30
19
1
D10
Schottky rectifier
STPS0560Z
20
1
J4
WR-MM female connector with
latch w/o polarization 10 poles
Flat connector 10
pole
EVALKIT-ROBOT-1
Specifications
DB4049 - Rev 3
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com