Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSPIN32F0A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Compact reference design kit for robotics and automation based on STSPIN32F0A
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 4Page - STMicroelectronics STSPIN32F0A Datasheet HTML 5Page - STMicroelectronics STSPIN32F0A Datasheet HTML 6Page - STMicroelectronics STSPIN32F0A Datasheet HTML 7Page - STMicroelectronics STSPIN32F0A Datasheet HTML 8Page - STMicroelectronics STSPIN32F0A Datasheet HTML 9Page - STMicroelectronics STSPIN32F0A Datasheet HTML 10Page - STMicroelectronics STSPIN32F0A Datasheet HTML 11Page - STMicroelectronics STSPIN32F0A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Item
Quantity
Part reference
Part description
Value
21
1
J7
Horizontal terminal block pitch
3.50 mm
Terminal
2P_screw
p3.5mm
22
1
J8
Terminal block T.H. 4 positions,
2.54 mm
Terminal
4P_screw
p2.54mm
23
1
J10
WR-MPC3 - 3.00MM male dual-
row right angle 8 poles
Connector 8 pole
w polarization
24
1
J12
WR-PHD 1.27 mm dual pin
header, H=3.80 mm
Header 10x2
25
1
LED1
WL-SMCW SMT red LED
red
26
1
L1
WE-TPC SMD Tiny Power
Inductor
39 µH
27
3
Q2, Q3, Q4
Dual N-channel 60 V, 35 mΩ typ.,
6.5 A STripFET™ F3 power
MOSFET
STL7DN6LF3
28
1
R1
SMT resistor
330 Ω
29
1
R2
SMT resistor
100 kΩ
30
4
R3, R6, R60, R62
SMT resistor
12 kΩ
31
1
R14
SMT resistor
10 kΩ
32
3
R15, R24, R33
SMT resistor
10.5 kΩ
33
3
R16, R29, R40
Thick film chip resistors
0.100 Ω
34
6
R17, R22, R26, R30, R35, R39
SMT resistor
21 kΩ
35
6
R18, R20, R27, R28, R36, R38
SMT resistor
2.4 kΩ
36
6
R21, R23, R32, R34, R42, R44
SMT resistor
100 Ω
37
3
R43, R45, R49
SMT resistor
2.2 kΩ
38
1
R46
SMT resistor
180 kΩ
39
1
R47
SMT resistor
18 kΩ
40
1
R50
SMT resistor
10 kΩ
41
1
R51
SMT resistor
187 kΩ
42
1
R52
SMT resistor
60.4 kΩ
43
1
R53
SMT resistor
NP
44
1
R54
SMT resistor
0 Ω
45
3
R59, R61, R63
SMT resistor
1 kΩ
46
1
R64
SMT resistor
120 Ω
47
16
TP3, TP4, TP5, TP6, TP7, TP8,
TP9, TP11, TP12, TP13, TP14,
TP15, TP16, TP17, TP18, TP19
40 mils PAD
TP-SMD-
diam1_016mm
48
1
U1
STSPIN32F0A three-phase
controller with MCU
STSPIN32F0A
49
1
U3
Up to 3 A step-down switching
regulator
ST1S14PHR
50
1
U4
Positive Voltage Regulator
L78L33ABUTR
51
1
U5
3.3V RS485 compatible with 1.8V
I/Os and selectable speed
20Mbps or 250kbps
STR485
EVALKIT-ROBOT-1
Specifications
DB4049 - Rev 3
page 8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com