Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRFP460 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IRFP460
Description  MegaMOS - Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IRFP460 Datasheet(HTML) 4 Page - IXYS Corporation

  IRFP460 Datasheet HTML 1Page - IXYS Corporation IRFP460 Datasheet HTML 2Page - IXYS Corporation IRFP460 Datasheet HTML 3Page - IXYS Corporation IRFP460 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
Figure 8. Capacitance Curves
Figure 7. Gate Charge
Figure 9. Source Current vs. Source to Drain Voltage
Figure 11. Transient Thermal Resistance
Figure10. Forward Bias Safe Operating Area
V
DS - Volts
10
100
0. 1
1
10
100
Pulse Width - Seconds
10-4
10-3
10-2
10-1
100
101
0.01
0.1
1
V
DS - Volts
0
5
10
15
20
25
100
250
500
1000
2500
5000
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
Gate Charge - nC
0
50
100
150
200
0
2
4
6
8
10
12
Crss
Coss
Ciss
V
DS = 400V
I
D = 15A
f = 1MHz
T
C = 25
OC
10ms
1ms
100ms
DC
T
J = 125
OC
Single pulse
0.1ms
T
J = 25
OC
500
IRFP 460



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com