Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRFP460 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IRFP460
Description  MegaMOS - Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IRFP460 Datasheet(HTML) 1 Page - IXYS Corporation

  IRFP460 Datasheet HTML 1Page - IXYS Corporation IRFP460 Datasheet HTML 2Page - IXYS Corporation IRFP460 Datasheet HTML 3Page - IXYS Corporation IRFP460 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 - 4
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C20
A
I
DM
T
C = 25°C, pulse width limited by TJM
80
A
I
AR
20
A
E
AR
T
C = 25°C28
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
3.5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
260
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.15/10
Nm/lb.in.
Weight
6g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
TO-247 AD
N-Channel Enhancement Mode, HDMOSTM Family
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 250 µA
500
V
V
GS(th)
V
DS
= V
GS, ID = 250 µA2
4
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= 0.8 • V
DSS
T
J = 25°C25
µA
V
GS = 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS
= 10 V, I
D = 12 A
0.25
0.27
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
MegaMOSTM
IRFP 460 V
DSS
= 500 V
Power MOSFET
I
D(cont)
= 20 A
R
DS(on)
= 0.27
Ω
Ω
Ω
Ω
Ω
G = Gate,
D = Drain,
S = Source,
TAB = Drain
Features
l Repetitive avalanche energy rated
l Fast switching times
l Low R
DS (on) HDMOS
TM process
l Rugged polysilicon gate cell structure
l High Commutating dv/dt Rating
Applications
l Switching Power Supplies
l Motor controls
92825D (5/98)
D (TAB)
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IRFP460

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRFP460 PHILIPS-IRFP460 Datasheet
94Kb / 7P
PowerMOS transistors Avalanche energy rated
September 1999 Rev 1.000
logo
STMicroelectronics
IRFP460 STMICROELECTRONICS-IRFP460 Datasheet
91Kb / 8P
N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
Sep-1998
logo
Intersil Corporation
IRFP460 INTERSIL-IRFP460 Datasheet
55Kb / 7P
20A, 500V, 0.270 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
logo
Vishay Siliconix
IRFP460 VISHAY-IRFP460 Datasheet
135Kb / 8P
Power MOSFET
28-Jul-08
More results

Similar Description - IRFP460

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IRFP470 IXYS-IRFP470 Datasheet
47Kb / 2P
N-Channel Enhancement Mode MegaMOS FET
IXTH12N90 IXYS-IXTH12N90 Datasheet
102Kb / 4P
MegaMOS FET
IXTH20N60 IXYS-IXTH20N60 Datasheet
105Kb / 4P
MegaMOS FET
IXTH30N50 IXYS-IXTH30N50 Datasheet
59Kb / 2P
MegaMOS FET
IXTH50N20 IXYS-IXTH50N20 Datasheet
111Kb / 4P
MegaMOS FET
IXTM10N100 IXYS-IXTM10N100 Datasheet
106Kb / 4P
MegaMOS FET
IXTT75N10 IXYS-IXTT75N10 Datasheet
53Kb / 2P
MegaMOS FET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
IXYS Corporation
IRFP360 IXYS-IRFP360 Datasheet
50Kb / 2P
MegaMOS FET
IXTN120N25 IXYS-IXTN120N25 Datasheet
584Kb / 5P
High Current MegaMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com