Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TRV00121 Datasheet(PDF) 2 Page - Schneider Electric

Part # TRV00121
Description  front display module - FDM 121 - 96 x 96 mm - IP54
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TRV00121 Datasheet(HTML) 2 Page - Schneider Electric

  TRV00121 Datasheet HTML 1Page - Schneider Electric TRV00121 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[Us] rated supply voltage
24 V DC - 20...10 %
Current consumption
21 mA
Standards
CE
CSA
UL
Height
3.78 in (96 mm)
Width
3.78 in (96 mm)
Depth
1.18 in (30 mm)
Accessory / separate part category
Spare part for Compact NS630b...1600
Spare part Compact NS1600b...3200
Environment
IP degree of protection
IP54
Ambient air temperature for operation
14…131 °F (-10…55 °C)
Ambient air temperature for storage
-40…185 °F (-40…85 °C)
Ordering and shipping details
Category
01103 - H,J,COMPACT NS UL/IEC CIRCUIT BREAKER ACCESSORIES
Discount Schedule
DE2
GTIN
00785901672340
Nbr. of units in pkg.
1
Package weight(Lbs)
1 lb(US) (0.45 kg)
Returnability
No
Country of origin
CN
Packing Units
Package 1 Height
2.24 in (5.700 cm)
Package 1 width
4.02 in (10.200 cm)
Package 1 Length
4.02 in (10.200 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: Cancer and Reproductive Harm - www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
PVC free
Yes
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com