Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TRV00121 Datasheet(PDF) 1 Page - Schneider Electric

Part # TRV00121
Description  front display module - FDM 121 - 96 x 96 mm - IP54
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TRV00121 Datasheet(HTML) 1 Page - Schneider Electric

  TRV00121 Datasheet HTML 1Page - Schneider Electric TRV00121 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
TRV00121
front display module - FDM 121 - 96 x 96 mm -
IP54
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 1,500.00 USD
Main
Device short name
FDM121
Product or component type
Display module
Accessory / separate part category
Display and signalling accessory
Range compatibility
ComPact NSX
MasterPact NT
Masterpact NW
ComPact NS630b...1600
ComPact NS1600b...3200
PowerPact H
PowerPact J
PowerPact L
PowerPact Multistandard
PowerPact P
PowerPact R
Offer type
C4
C5
Product name
Enerlin'X FDM
Function of module
Remote control
View network
Metering
Display alarm
Complementary
Control type
Remote control
Mounting mode
Flush mounting
Mounting support
Surface mount with kit
Display type
LCD screen with white backlighting
Display resolution
128 x 128 pixels
View angle horizontal x vertical
60 x 30°
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Dec 10, 2020
1


Similar Part No. - TRV00121

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TRV00803 SCHNEIDER-TRV00803 Datasheet
91Kb / 2P
communication cable, 2 x RJ45 male connectors, 0.3 m length, set of 10 parts
Dec 10, 2020
TRV00806 SCHNEIDER-TRV00806 Datasheet
91Kb / 2P
communication cable, 2 x RJ45 male connectors, 0.6 m length, set of 10 parts
Dec 10, 2020
TRV00810 SCHNEIDER-TRV00810 Datasheet
91Kb / 2P
communication cable, 2 x RJ45 male connectors, 1 m length, set of 5 parts
Dec 10, 2020
TRV00820 SCHNEIDER-TRV00820 Datasheet
91Kb / 2P
communication cable, 2 x RJ45 male connectors, 2 m length, set of 5 parts
Dec 10, 2020
TRV00830 SCHNEIDER-TRV00830 Datasheet
91Kb / 2P
communication cable, 2 x RJ45 male connectors, 3 m length, set of 5 parts
Dec 10, 2020
More results

Similar Description - TRV00121

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
288 X 96 mm 5 mm 48 X 16 Dots
logo
Fuji Electric
EDS11-160C FUJI-EDS11-160C Datasheet
314Kb / 16P
PX series digital temperature controller MICRO-CONTROLLER X (96 횞 96 mm)
EDSX11-134 FUJI-EDSX11-134 Datasheet
148Kb / 10P
Z SERIES FUZZY CONTROLLER X (48)96, 96)96mm)
logo
Bolymin, Inc
BL12896A BOLYMIN-BL12896A_17 Datasheet
551Kb / 1P
OLED display 128 x 96 dots
logo
Schneider Electric
LV434128 SCHNEIDER-LV434128 Datasheet
111Kb / 2P
front display module FDM 128 - 163*129 mm - IP54
Dec 9, 2020
logo
Vishay Siliconix
OLED-096O064A-BPP3N00000 VISHAY-OLED-096O064A-BPP3N00000 Datasheet
330Kb / 25P
96 x 64 Graphic OLED
10-Aug-16
OLED-096O064A-GPP3N00000 VISHAY-OLED-096O064A-GPP3N00000 Datasheet
417Kb / 25P
96 x 64 Graphic OLED
10-Aug-16
OLED-096O064A-LPP3N00000 VISHAY-OLED-096O064A-LPP3N00000 Datasheet
211Kb / 15P
96 x 64 Graphic OLED
11-Aug-17
OLED-096Y064A-LPP3N00000 VISHAY-OLED-096Y064A-LPP3N00000 Datasheet
408Kb / 24P
96 x 64 Graphic OLED
11-Aug-16
OLED-096Y064B-BPP3N00000 VISHAY-OLED-096Y064B-BPP3N00000 Datasheet
376Kb / 24P
96 x 64 Graphic OLED
11-Aug-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com