Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VCC6-RAC-90M00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VCC6-RAC-90M00
Description  2.5 and 3.3 volt LVPECL Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VCC6-RAC-90M00 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VCC6-RAC-90M00 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vectron International 267 Lowell Road, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VCC6-Q/R Series
2.5 and 3.3 volt LVPECL Crystal Oscillator
The VCC6 Crystal Oscillator
Features
• 2.5 or 3.3V LVPECL
• 3rd Overtone Crystal for best jitter performance
• Output frequencies to 270 MHz
• Low Jitter < 1 pS rms, 12kHz to 20MHz
• Enable/Disable for test and board debug
• -10/70 or –40/85 °C operating temperature
• Hermetically sealed ceramic SMD package
• Product is compliant to RoHS directive
Applications
• SONET/SDH/DWDM
• Fiber Channel
• Ethernet, Gigabit Ethernet
• Storage Area Network
• Digital Video
• Broadband Access
Description
Vectron’s VCC6 Crystal Oscillator (XO) is quartz
stabilized square wave generator with a LV-PECL
output, operating off a 3.3 volt supply.
The VCC6 uses 3
rd overtone crystals for
frequencies under 200MHz, resulting in low jitter
performance, typically 0.3pS rms in the 12 kHz to
20MHz band.
OUT
Output
Buffer /
Disable
Enable/Disable
OUT


Similar Part No. - VCC6-RAC-90M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC6-107 VECTRON-VCC6-107 Datasheet
148Kb / 6P
/-20 ppm LVPECL Oscillator
VCC6-107-155M52 VECTRON-VCC6-107-155M52 Datasheet
148Kb / 6P
/-20 ppm LVPECL Oscillator
VCC6-D VECTRON-VCC6-D Datasheet
185Kb / 7P
106M250/212M500 Dual Rate PECL and LVDS Oscillator
VCC6-DLA-106M25 VECTRON-VCC6-DLA-106M25 Datasheet
185Kb / 7P
106M250/212M500 Dual Rate PECL and LVDS Oscillator
VCC6-DLB-106M25 VECTRON-VCC6-DLB-106M25 Datasheet
185Kb / 7P
106M250/212M500 Dual Rate PECL and LVDS Oscillator
More results

Similar Description - VCC6-RAC-90M00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
MTRONPTI
M5R MTRONPTI-M5R Datasheet
227Kb / 1P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M210X MTRONPTI-M210X Datasheet
347Kb / 2P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
logo
Vectron International, ...
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
MTRONPTI
M210X MTRONPTI-M210X_07 Datasheet
367Kb / 3P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
logo
Vectron International, ...
VCC6-V VECTRON-VCC6-V Datasheet
190Kb / 6P
2.5 or 3.3 volt LVDS Oscillator
VCS3 VECTRON-VCS3 Datasheet
96Kb / 7P
1.8, 2.5, 3.3 volt CMOS Oscillator
logo
MTRONPTI
M210X MTRONPTI-M210X_08 Datasheet
761Kb / 7P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M220X MTRONPTI-M220X_08 Datasheet
682Kb / 7P
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
logo
Vectron International, ...
VCS3 VECTRON-VCS3_11 Datasheet
120Kb / 7P
1.8, 2.5, 3.3 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com