Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VCC6-RAC-90M00 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VCC6-RAC-90M00
Description  2.5 and 3.3 volt LVPECL Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VCC6-RAC-90M00 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VCC6-RAC-90M00 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCC6-RAC-90M00 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VCC6-Q/R Series, 2.5 and 3.3v PECL Crystal Oscillator
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Terminating PECL Outputs
The VCC6 incorporates a standard PECL output scheme, which are un-terminated emitters as shown in
Figure 5. There are numerous application notes on terminating and interfacing PECL logic and the two most
common methods are a single resistor to ground, Figure 6, and a pull-up/pull-down scheme as shown in
Figure 7. An AC coupling capacitor is optional, depending on the application and the input logic
requirements of the next stage.
One of the most important considerations is terminating the Output and Complementary Outputs equally.
An unused output should not be left un-terminated, and if it one of the two outputs is left open it will result in
excessive jitter on both. PC board layout must take this and 50 ohm impedance matching into account.
Load matching and power supply noise are the main contributors to jitter related problems.
Figure 5. Standard PECL Output Configuration
Figure 6. Single Resistor Termination
Figure 7. Pull-up Pull-down Termination
Resistor value are typically:
Resistor values are typically:
120 to 240ohms for 3.3V
130 and 82 ohms for 3.3V
82 to 120 ohms for 2.5V
240 and 62 ohms for 2.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com