Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACS732KMA Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ACS732KMA
Description  1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS732KMA Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS732KMA Datasheet HTML 1Page - Allegro MicroSystems ACS732KMA Datasheet HTML 2Page - Allegro MicroSystems ACS732KMA Datasheet HTML 3Page - Allegro MicroSystems ACS732KMA Datasheet HTML 4Page - Allegro MicroSystems ACS732KMA Datasheet HTML 5Page - Allegro MicroSystems ACS732KMA Datasheet HTML 6Page - Allegro MicroSystems ACS732KMA Datasheet HTML 7Page - Allegro MicroSystems ACS732KMA Datasheet HTML 8Page - Allegro MicroSystems ACS732KMA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
1 MHz Bandwidth, Galvanically Isolated
Current Sensor IC in SOIC-16 Package
ACS732KMA and
ACS733KMA
4
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
VCC VCC
IP+
IP–
GND
GND
VIOUT
VOC
FAULT
PROGRAM
DIGITAL SYSTEM
Dynamic Trim
Compensation
Logic
EEPROM and
Control Logic
Programming
Control
Fault Filtering
Logic
Fault Trim
Offset
Trim
Analog
Filters
Sensitivity
Trim
Temperature
Sensor
Hall
Driver
POR
To All
Subcircuits
Hall Sensor Array
FUNCTIONAL BLOCK DIAGRAM
Figure 2: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com