Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACS732KMA Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # ACS732KMA
Description  1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS732KMA Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button ACS732KMA Datasheet HTML 14Page - Allegro MicroSystems ACS732KMA Datasheet HTML 15Page - Allegro MicroSystems ACS732KMA Datasheet HTML 16Page - Allegro MicroSystems ACS732KMA Datasheet HTML 17Page - Allegro MicroSystems ACS732KMA Datasheet HTML 18Page - Allegro MicroSystems ACS732KMA Datasheet HTML 19Page - Allegro MicroSystems ACS732KMA Datasheet HTML 20Page - Allegro MicroSystems ACS732KMA Datasheet HTML 21Page - Allegro MicroSystems ACS732KMA Datasheet HTML 22Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
1 MHz Bandwidth, Galvanically Isolated
Current Sensor IC in SOIC-16 Package
ACS732KMA and
ACS733KMA
21
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 15: Package MA, 16-Pin SOICW
PACKAGE OUTLINE DRAWING
C
SEATING
PLANE
1.27 BSC
GAUGE PLANE
SEATING PLANE
A Terminal #1 mark area
B
Reference land pattern layout (reference IPC7351
SOIC127P600X175-8M); all pads a minimum of 0.20 mm from all
adjacent pads; adjust as necessary to meet application process
requirements and PCB layout tolerances
PCB Layout Reference View
B
C
C
2
1
16
Branding scale and appearance at supplier discretion
C
SEATING
PLANE
C
0.10
16×
0.25 BSC
1.40 REF
2.65 MAX
For Reference Only; not for tooling use (reference MS-013AA)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
10.30 ±0.20
7.50 ±0.10
10.30 ±0.33
0.51
0.31
0.30
0.10
0.33
0.20
1.27
0.40
Line 1: Part Number
Line 2: First 9 characters of Assembly Lot Number
1
A
Standard Branding Reference View
2
1
16
0.65
1.27
9.50
2.25
ACS732
Lot Number
1
ACS733
Lot Number
ACS732 (5 V)
ACS733 (3.3 V)
2
1
16
0.65
1.27
9.75
1.65
High-Isolation PCB Layout Reference View
D Hall elements (D1, D2); not to scale
D
D2
D1
0.454
1.407
D
D
Branded Face



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com